Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD403 Datasheet(PDF) 3 Page - Calogic, LLC

Part # SD403
Description  High Speed DMOS N-Channel Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD403 Datasheet(HTML) 3 Page - Calogic, LLC

  SD403 Datasheet HTML 1Page - Calogic, LLC SD403 Datasheet HTML 2Page - Calogic, LLC SD403 Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SD403
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS (TA = +25
oC unless otherwise noted)
200
160
120
80
40
0
2.0
4.0
6.0
8.0
10
DS
µ
A
V
= 10V
PULSE TEST
80 Sec
1% Duty Cycle
T = +25 C
o
A
T
= +125 C
o
≅
D'Z'
I
7.5mA
GS
175
150
125
100
75
50
25
0
2.0
4.0
6.0
8.0
10
GS
I = 1.0mA
D
T
= +125 C
o
T = +25 C
o
A
A
T
= +125 C
o
T = +25 C
o
A
DS
µ
DRAIN-SOURCE ON RESISTANCE
-VS-
GATE-SOURCE VOLTAGE
35
30
25
20
15
10
5.0
0
10
20
304050
60
70
D
V
-Gate-Source Voltage (Volts)
ON DRAIN CURRENT
-VS-
GATE-SOURCE VOLTAGE
V
-Gate-Source Voltage (Volts)
A
V
= 10V
f = 1KHz
PULSE TEST
80 Sec
1% Duty Cycle
I -Drain Current (mA)
FORWARD TRANSCONDUCTANCE
-VS-
ON DRAIN CURRENT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com