Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95160 Datasheet(PDF) 46 Page - STMicroelectronics

Part # M95160
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M95160 Datasheet HTML 39Page - STMicroelectronics M95160 Datasheet HTML 40Page - STMicroelectronics M95160 Datasheet HTML 41Page - STMicroelectronics M95160 Datasheet HTML 42Page - STMicroelectronics M95160 Datasheet HTML 43Page - STMicroelectronics M95160 Datasheet HTML 44Page - STMicroelectronics M95160 Datasheet HTML 45Page - STMicroelectronics M95160 Datasheet HTML 46Page - STMicroelectronics M95160 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Revision history
M95160 M95160-W M95160-R M95160-DF
46/47
DocID022580 Rev 5
12
Revision history
Table 26. Document revision history
Date
Revision
Changes
22-Mar-2012
1
Initial release.
17-Dec-2012
2
Updated:
– All information about package UFDFPN8
– Introduction of Description
– Section 7.2: Initial delivery state
08-Jan-2013
3
Updated plating technology in Section 11: Part numbering.
16-Sep-2013
4
Replaced “M95160-F” by “M95160-DF” part number.
Updated:
– Package figure on cover page
– Features: High-speed clock frequency, write cycles and data retention
– Section 1: Description
– Figure 4: Block diagram
– Section 6: Instructions: updated introduction and added Section 6.7 to
Section 6.10
– Section 7.2: Initial delivery state
– Note 1 in Table 7: Absolute maximum ratings
– Table 15: DC characteristics (M95160-W, device grade 6), Table 16:
DC characteristics (M95160-R or M95160-DF, device grade 6),
Table 17: AC characteristics (M95160-W, device grade 6) and
Table 18: AC characteristics (M95160-R or M95160-DF, device grade
6).
– Table 25: Ordering information scheme
Added Table 12: Cycling performance and Table 13: Memory cell data
retention.
11-Mar-2014
5
Added in cover page “Write lockable Page (Identification page)"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com