Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5000 Datasheet(PDF) 3 Page - Calogic, LLC

Part # SD5000
Description  High-Speed DMOS Quad FET Analog Switch Arrays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD5000 Datasheet(HTML) 3 Page - Calogic, LLC

  SD5000 Datasheet HTML 1Page - Calogic, LLC SD5000 Datasheet HTML 2Page - Calogic, LLC SD5000 Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SD5000 / SD5001 / SD5002
SD5400 / SD5401 / SD5402
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
SD5000/SD5400
MAX. VALUE
SD5001/SD5401
MAX. VALUE
SD5002/SD5402
MAX. VALUE
UNITS
Breakdown Voltage
VDS
Drain-Source
20
10
15
V
VSD
Source-Drain
20
10
15
VDB
Drain-Body
25
15
22.5
VSB
Source-Body
25
15
22.5
VGS
Gate-Source
30/ - 25
25/ - 15
30/ - 22.5
VGB
Gate-Body
30/ - 0.3
25/ - 0.3
30/ - 0.3
VGD
Gate-Drain
30/ - 25
30/ - 15
30/ - 22.5
ABSOLUTE MAXIMUM
SYMBOL
PARAMETER
VALUE
UNIT
ID
Drain Current
50
mA
Temperature Range
TJ
Operating
-55 to +85
oC
TS
Storage
-55 to +150
Power Dissipation
PD
Package
640 (Ni\ote 1)
mW
PD
Each Device
300 (Note 2)
Note 1: Linear Derating Factor - 10.7mW/
oC above 25oC
Note 2: Linear Derating Factor - 5.0mW/
oC above 25oC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com