Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFL2812SWES Datasheet(PDF) 2 Page - International Rectifier

Part # AFL2812SWES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2812SWES Datasheet(HTML) 2 Page - International Rectifier

  AFL2812SWES Datasheet HTML 1Page - International Rectifier AFL2812SWES Datasheet HTML 2Page - International Rectifier AFL2812SWES Datasheet HTML 3Page - International Rectifier AFL2812SWES Datasheet HTML 4Page - International Rectifier AFL2812SWES Datasheet HTML 5Page - International Rectifier AFL2812SWES Datasheet HTML 6Page - International Rectifier AFL2812SWES Datasheet HTML 7Page - International Rectifier AFL2812SWES Datasheet HTML 8Page - International Rectifier AFL2812SWES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
AFL120XXS Series
Specifications
Static Characteristics -55°C < T
CASE < +125°C, 80V< VIN < 160V unless otherwise specified.
For Notes to Specifications, refer to page 4
Input voltage
-0.5V to +180VDC
Soldering temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Note 6
80
120
160
V
OUTPUT VOLTAGE
AFL12005S
AFL12007R5S
AFL12008S
AFL12009S
AFL12012S
AFL12015S
AFL12028S
AFL12005S
AFL12007R5S
AFL12008S
AFL12009S
AFL12012S
AFL12015S
AFL12028S
1
1
1
1
1
1
1
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
VIN = 120 Volts, 100% Load
4.95
7.42
7.92
8.91
11.88
14.85
27.72
4.90
7.35
7.84
8.82
11.76
14.70
27.44
5.00
7.50
8.00
9.00
12.00
15.00
28.00
5.05
7.58
8.08
9.09
12.12
15.15
28.28
5.10
7.65
8.16
9.18
12.24
15.30
28.56
V
OUTPUT CURRENT
AFL12005S
AFL12007R5S
AFL12008S
AFL12009S
AFL12012S
AFL12015S
AFL12028S
VIN = 80, 120, 160 Volts - Note 6
16.0
10.67
10.0
10.0
9.0
8.0
4.0
A
OUTPUT POWER
AFL12005S
AFL12007R5S
AFL12008S
AFL12009S
AFL12012S
AFL12015S
AFL12028S
Note 6
80
80
80
90
108
120
112
W
MAXIMUM CAPACITIVE LOAD
Note 1
10,000
µF
OUTPUT VOLTAGE
TEMPERATURE COEFFICIENT
VIN = 120 Volts, 100% Load - Notes 1, 6 -0.015
+0.015
%/°C
OUTPUT VOLTAGE REGULATION
AFL12028S
Line
All Others
Line
Load
1, 2, 3
1, 2, 3
1, 2, 3
No Load, 50% Load, 100% Load
VIN = 80, 120, 160 Volts
-70
-20
-1.0
+70
+20
+1.0
mV
mV
%
OUTPUT RIPPLE VOLTAGE
AFL12005S
AFL12007R5S
AFL12008S
AFL12009S
AFL12012S
AFL12015S
AFL12028S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 80, 120, 160 Volts, 100% Load,
BW = 10MHz
30
40
40
40
45
50
100
mVpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com