Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST404 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SST404
Description  N-Channel JFET Monolithic Dual
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST404 Datasheet(HTML) 1 Page - Calogic, LLC

  SST404 Datasheet HTML 1Page - Calogic, LLC SST404 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N-Channel JFET
Monolithic Dual
SST404 / SST405 / SST406
FEATURES
•• Very Low Noise . . . . . . . . . . . . . en < 10 nV/ Hz @ 10Hz
•• Low Input Bias. . . . . . . . . . . . . . . . . . . . . . . . . . . IG < 2pA
•• HighBreakdown Voltage. . . . . . . . . . . . . . . . . . . BV > 50V
APPLICATIONS
•• Precision Instrumentation
•• Input Amplifiers
•• Impedance Converters
DESCRIPTION
The SST404 Series is a very Low Noise Monolithic
N-Channel JFET Pair in a surface mount SO-8 plastic
package.
Designed utilizing Calogic’s proprietary JFET
processing techniques these devices are ideal for front end
amplification of low level signals. The low noise, low leakage
and good frequency response are excellent features for
sensitive medical, instrumentation and infrared designs.
ORDERING INFORMATION
Part
Package
Temperature Range
SST404-6
Plastic SO-8
-55
oC to +125oC
NOTE: For Sorted Chips in Carriers, See U401 Series
PIN CONFIGURATIONS
CORPORATION
SO-8
TOP VIEW
(1) S1
(2) D1
(3) G1
(4) N/C
N/C (8)
G2 (7)
D2 (6)
S2 (5)
CJ2
PRODUCT MARKING
SST404
R04
SST405
R05
SST406
R06


Similar Part No. - SST404

ManufacturerPart #DatasheetDescription
logo
Micross Components
SST404 MICROSS-SST404 Datasheet
282Kb / 1P
Linear Systems replaces discontinued Siliconix SST404
logo
Calogic, LLC
SST404 CALOGIC-SST404 Datasheet
34Kb / 2P
N-Channel JFET Monolithic Dual
SST404-LF CALOGIC-SST404-LF Datasheet
34Kb / 2P
N-Channel JFET Monolithic Dual
SST404 CALOGIC-SST404_15 Datasheet
34Kb / 2P
N-Channel JFET Monolithic Dual
logo
Micross Components
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results

Similar Description - SST404

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N5911_TO-71 MICROSS-2N5911_TO-71 Datasheet
280Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS3954_SOT-23 MICROSS-LS3954_SOT-23 Datasheet
280Kb / 1P
Monolithic Dual N-Channel JFET
LS3954_TO-71 MICROSS-LS3954_TO-71 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3956_TO-71 MICROSS-LS3956_TO-71 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3956_TO-78 MICROSS-LS3956_TO-78 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3958_PDIP MICROSS-LS3958_PDIP Datasheet
283Kb / 1P
Monolithic Dual N-Channel JFET
LS3958_SOT-23 MICROSS-LS3958_SOT-23 Datasheet
280Kb / 1P
Monolithic Dual N-Channel JFET
LS832_TO-71 MICROSS-LS832_TO-71 Datasheet
286Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS833_PDIP MICROSS-LS833_PDIP Datasheet
283Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
logo
Calogic, LLC
U443 CALOGIC-U443_15 Datasheet
33Kb / 2P
N-Channel JFET Monolithic Dual
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com