Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HP283R3SWES Datasheet(PDF) 9 Page - International Rectifier

Part # HP283R3SWES
Description  HYBRID - HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HP283R3SWES Datasheet(HTML) 9 Page - International Rectifier

Back Button HP283R3SWES Datasheet HTML 4Page - International Rectifier HP283R3SWES Datasheet HTML 5Page - International Rectifier HP283R3SWES Datasheet HTML 6Page - International Rectifier HP283R3SWES Datasheet HTML 7Page - International Rectifier HP283R3SWES Datasheet HTML 8Page - International Rectifier HP283R3SWES Datasheet HTML 9Page - International Rectifier HP283R3SWES Datasheet HTML 10Page - International Rectifier HP283R3SWES Datasheet HTML 11Page - International Rectifier HP283R3SWES Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.irf.com
9
AHP270XXS Series
Attempts to adjust the output voltage to a value greater than
120% of nominal should be avoided because of the potential
of exceeding internal component stress ratings and
subsequent operation to failure. Under no circumstance
should the external setting resistor be made less than 500
Ω.
By remaining within this specified range of values, completely
safe operation fully within normal component derating is
assured.
The consequence is that if the +sense connection is
unintentionally broken, an AHP270XXS has a fail-safe output
voltage of Vout + 250mV, where the 250mV is independent
of the nominal output voltage. It can be further demonstrated
that in the event of both the + and - sense connections
being broken, the output will be limited to Vout + 500mV.
This 500mV is also essentially constant independent of the
nominal output voltage. While operation in this condition is
not damaging to the device, not all performance parameters
will be met.
Enable 2
Share
+Sense
- Sense
Return
+Vout
AHP270XXS
R
ADJ
To Load
Figure VI. Connection for V
NOM< VOUT < (VNOM+ 0.25V)
Examination of the equation relating output voltage and
resistor value reveals a special benefit of the circuit topology
utilized for remote sensing of output voltage in the
AHP270XXS series of converters. It is apparent that as the
resistance increases, the output voltage approaches the
nominal set value of the device. In fact the calculated limiting
value of output voltage as the adjusting resistor becomes
very large is
≅ 250mV above nominal device voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com