Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMA2805S Datasheet(PDF) 2 Page - International Rectifier

Part # AMA2805S
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2805S Datasheet(HTML) 2 Page - International Rectifier

  AMA2805S Datasheet HTML 1Page - International Rectifier AMA2805S Datasheet HTML 2Page - International Rectifier AMA2805S Datasheet HTML 3Page - International Rectifier AMA2805S Datasheet HTML 4Page - International Rectifier AMA2805S Datasheet HTML 5Page - International Rectifier AMA2805S Datasheet HTML 6Page - International Rectifier AMA2805S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.irf.com
AMA28XXS Series
Specifications
For Notes to Specifications, refer to page 4
Static Characteristics -55°C ≤ TCASE ≤ +125°C, VIN=28 VDC ±5%, C
L=0, unless otherwise specified.
Input Voltage range
-0.5V to +50VDC (Continuous), Input Voltage range
+16V to +40VDC
80V (100ms)
Output Power
Less than or equal to 5W
Soldering temperature
300°C for 10 seconds
Operating case temperature -55°C to +125°C
Storage case temperature -65°C to +135°C
Recommended Operating Conditions
Absolute Maximum Ratings
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Input Voltage
16
28
40
V
Output Voltage
AMA2805S
AMA2812S
AMA2815S
AMA2805S
AMA2812S
AMA2815S
1
1
1
2, 3
2, 3
2, 3
Iout = 0
4.95
11.88
14.85
4.90
11.76
14.70
5.00
12.00
15.00
5.05
12.12
15.15
5.10
12.24
15.30
V
Output Current
1
AMA2805S
AMA2812S
AMA2815S
1, 2, 3
1, 2, 3
1, 2, 3
Vin = 16, 28, 40 Volts
1000
417
333
mA
Output Power
1
All Models
1, 2, 3
Vin = 28 Volts, 100% load
5.0
W
Output Ripple Voltage
2
AMA2805S
AMA2812S
AMA2815S
1, 2, 3
1, 2, 3
1, 2, 3
Vin = 16, 28, 40 Volts
100% Load
BW = 20 Hz to 2.0 MHz
200
200
200
mVPP
Output voltage
Regulation
Line
Load
1, 2, 3
1, 2, 3
Vin = 16, 28, 40 Volts
Iout = 0, 50%, and 100% load
±10
±10
±50
±50
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com