Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS395 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 74LS395
Description  4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS395 Datasheet(HTML) 2 Page - Motorola, Inc

  74LS395 Datasheet HTML 1Page - Motorola, Inc 74LS395 Datasheet HTML 2Page - Motorola, Inc 74LS395 Datasheet HTML 3Page - Motorola, Inc 74LS395 Datasheet HTML 4Page - Motorola, Inc 74LS395 Datasheet HTML 5Page - Motorola, Inc 74LS395 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5-552
FAST AND LS TTL DATA
SN74LS395
LOGIC DIAGRAM
S
Ds
CP
MR
OE
P0
P1
P2
P3
O0
O1
O2
O3 Q3
CP D
CD
Q
CP D
CD
Q
CP D
CD
Q
CP D
CD
Q
FUNCTION DESCRIPTION
The SN74LS395 contains four D-type edge-triggered
flip-flops and auxiliary gating to select a D input either from a
Parallel (Pn) input or from the preceding stage. When the
Select input is HIGH, the Pn inputs are enabled. A LOW signal
on the S input enables the serial inputs for shift-right opera-
tions, as indicated in the Truth Table.
State changes are initiated by HIGH-to-LOW transitions on
the Clock Pulse (CP) input. Signals on the Pn, Ds and S inputs
can change when the Clock is in either state, provided that the
recommended set-up and hold times are observed. When the
S input is LOW, a CP HIGH-LOW transition transfers data in
Q0 to Q1, Q1 to Q2, and Q2 to Q3. A left-shift is accomplished
by connecting the outputs back to the Pn inputs, but offset one
place to the left, i.e., O3 to P2, O2 to P1 and O1 to P0, with P3
acting as the linking input from another package.
When the OE input is HIGH, the output buffers are disabled
and the Q0–Q3 outputs are in a high impedance condition.
The shifting, parallel loading or resetting operations can still be
accomplished, however.
MODE SELECT — TRUTH TABLE
Inputs @ tn
Outputs @ tn+1
Operating Mode
MR
CP
S
Ds
Pn
O0
O1
O2
O3
Asynchronous Reset
L
X
X
X
X
L
L
L
L
Shift, SET First Stage
H
L
H
X
H
O0n
O1n
O2n
Shift, RESET First Stage
H
L
L
X
L
O0n
O1n
O2n
Parallel Load
H
H
X
Pn
P0
P1
P2
P3
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
tn, n + 1 = time before and after CP HIGH-to-LOW transition
NOTE:
When OE is HIGH, outputs O0 – O3 are in the high impedance state; however, this does not affect other operations or the Q3 output.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient Temperature Range
0
25
70
°C
IOH
Output Current — High
– 0.4
mA
IOL
Output Current — Low
8.0
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com