Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS47 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS47
Description  BCD TO 7-SEGMENT DECODER/DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS47 Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS47 Datasheet HTML 1Page - Motorola, Inc SN54LS47 Datasheet HTML 2Page - Motorola, Inc SN54LS47 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5-56
FAST AND LS TTL DATA
BCD TO 7-SEGMENT
DECODER/DRIVER
The SN54 / 74LS47 are Low Power Schottky BCD to 7-Segment Decod-
er / Drivers consisting of NAND gates, input buffers and seven AND-OR-IN-
VERT gates. They offer active LOW, high sink current outputs for driving
indicators directly. Seven NAND gates and one driver are connected in pairs
to make BCD data and its complement available to the seven decoding
AND-OR-INVERT gates. The remaining NAND gate and three input buffers
provide lamp test, blanking input / ripple-blanking output and ripple-blanking
input.
The circuits accept 4-bit binary-coded-decimal (BCD) and, depending on
the state of the auxiliary inputs, decodes this data to drive a 7-segment display
indicator. The relative positive-logic output levels, as well as conditions
required at the auxiliary inputs, are shown in the truth tables. Output
configurations of the SN54 / 74LS47 are designed to withstand the relatively
high voltages required for 7-segment indicators.
These outputs will withstand 15 V with a maximum reverse current of
250
µA. Indicator segments requiring up to 24 mA of current may be driven
directly from the SN74LS47 high performance output transistors. Display
patterns for BCD input counts above nine are unique symbols to authenticate
input conditions.
The SN54 / 74LS47 incorporates automatic leading and / or trailing-edge
zero-blanking control (RBI and RBO). Lamp test (LT) may be performed at any
time which the BI / RBO node is a HIGH level. This device also contains an
overriding blanking input (BI) which can be used to control the lamp intensity
by varying the frequency and duty cycle of the BI input signal or to inhibit the
outputs.
• Lamp Intensity Modulation Capability (BI/RBO)
• Open Collector Outputs
• Lamp Test Provision
• Leading/Trailing Zero Suppression
• Input Clamp Diodes Limit High-Speed Termination Effects
14
13
12
11
10
9
1
2
3
4
5
6
VCC
7
16
15
8
f
g
a
b
c
d
e
B
C
LT BI / RBO RBI
D
A
GND
CONNECTION DIAGRAM DIP (TOP VIEW)
PIN NAMES
LOADING (Note a)
HIGH
LOW
A, B, C, D
RBI
LT
BI / RBO
a, to g
BCD Inputs
Ripple-Blanking Input
Lamp-Test Input
Blanking Input or
Ripple-Blanking Output
Outputs
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
1.2 U.L.
Open-Collector
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.75 U.L.
2.0 U.L.
15 (7.5) U.L.
NOTES:
a) 1 Unit Load (U.L.) = 40
µA HIGH, 1.6 mA LOW.
b) Output current measured at VOUT = 0.5 V
The Output LOW drive factor is 7.5 U.L. for Military (54) and 15 U.L. for Commercial (74) Temperature Ranges.
SN54/74LS47
BCD TO 7-SEGMENT
DECODER/ DRIVER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
7 1
2
6 3
5
13 12 11 10 9 15 14 4
A B C D LT RBI
a
b
c
d
e
f
g
BI/
RBO


Similar Part No. - SN54LS47

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS47 TI-SN54LS47 Datasheet
583Kb / 14P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN54LS47 TI1-SN54LS47 Datasheet
583Kb / 14P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN54LS47 TI1-SN54LS47 Datasheet
583Kb / 14P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN54LS47 TI1-SN54LS47 Datasheet
583Kb / 14P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN54LS47 TI1-SN54LS47 Datasheet
1Mb / 26P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
More results

Similar Description - SN54LS47

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
54LS47 NSC-54LS47 Datasheet
121Kb / 5P
BCD TO 7-SEGMENT DECODER/DRIVER
54LS347 NSC-54LS347 Datasheet
57Kb / 2P
BCD TO 7-SEGMENT DECODER / DRIVER
54LS447 NSC-54LS447 Datasheet
67Kb / 3P
BCD to 7-Segment Decoder/Driver
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
BCD TO 7-SEGMENT DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com