Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA2805SHB Datasheet(PDF) 3 Page - International Rectifier

Part # ASA2805SHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASA2805SHB Datasheet(HTML) 3 Page - International Rectifier

  ASA2805SHB Datasheet HTML 1Page - International Rectifier ASA2805SHB Datasheet HTML 2Page - International Rectifier ASA2805SHB Datasheet HTML 3Page - International Rectifier ASA2805SHB Datasheet HTML 4Page - International Rectifier ASA2805SHB Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.irf.com
3
ASA28XXS Series
Notes to Specifications
1.
Parameter guaranteed and measured during line and load regulation tests.
2.
Bandwidth guaranteed by design. Tested for 20KHz to 2MHz.
3.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess
of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry,
appearing as a short circuit during turn-on.
4.
Parameter shall be tested as part of design characterization and after design or process changes.
5.
An overload is that condition of load in excess of rated load but less than that necessary to trigger the short circuit protection
and is the condition of maximum power dissipation.
6.
Load step transition time between 2
µs and 10µs.
7.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of VOUT at 50% load.
8.
Input step transition time between 2
µs and 10µs.
9.
Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin (pin 2) while power is applied to the input.
Block Diagram
Controller
Error
Amplifier
1
2
8
6
7
5
Case
Output
Return
+Output
Inhibit
Input
Return
+Input
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit
IR Standard
Drawing Number
Part Number
5962-94629
ASA2805S
5962-94630
ASA2815S
5962-94631
ASA2812S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com