Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASAP2805SES Datasheet(PDF) 8 Page - International Rectifier

Part # ASAP2805SES
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASAP2805SES Datasheet(HTML) 8 Page - International Rectifier

  ASAP2805SES Datasheet HTML 1Page - International Rectifier ASAP2805SES Datasheet HTML 2Page - International Rectifier ASAP2805SES Datasheet HTML 3Page - International Rectifier ASAP2805SES Datasheet HTML 4Page - International Rectifier ASAP2805SES Datasheet HTML 5Page - International Rectifier ASAP2805SES Datasheet HTML 6Page - International Rectifier ASAP2805SES Datasheet HTML 7Page - International Rectifier ASAP2805SES Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
www.irf.com
ASAP Series
Part Numbering
Notes:
 Best commercial practice
‚ Samples tests at low and high temperatures
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SAN JOSE: 2520Junction Avenue, San Jose, California 95134, Tel: (408) 434-5000
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 10/2011
ASAP 28 05 S /ES
Model
Nominal Input
Voltage
28 = 28V
Screening Level:
(Please refer to Screening Table)
No Suffix, ES, HB, CH
Output
S = Single
D = Dual
Output Voltage
05 = 5V or ±5V
12 = 12V or ±12V
15 = 15V or ±15V
Device Screening
Requirement
MIL-STD-883 Method
No Suffix
ES
d
HB
CH
Temerature Range
-20°C to +85°C -55°C to +125°C
-55°C to +125°C -55°C to +125°C
Element Evaluation
MIL-PRF-38534
Class H
Internal Visual
2017
c
Class H
Class H
Class H
Temperature Cycle
1010
Cond B
Cond C
Cond C
Constant Acceleration
2001, Y1 Axis
500 Gs
3000 Gs
3000 Gs
PIND
2020
Burn-In
1015
48 hrs @ 125°C
160 hrs@125°C 160 hrs@125°C
Final Electrical
MIL-PRF-38534
25°C
25°C
d
-55°C, +25°C,
-55°C, +25°C,
( Group A )
& Specification
+125°C
+125°C
PDA
MIL-PRF-38534
10%
10%
Seal, Fine and Gross
1014
Cond A
Cond A, C
Cond A, C
Cond A, C
Radiographic
2012
External Visual
2009
c
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com