Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2803R3SFES Datasheet(PDF) 1 Page - International Rectifier

Part # ATR2803R3SFES
Description  HYBRID - HIGH RELIABILITY DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2803R3SFES Datasheet(HTML) 1 Page - International Rectifier

  ATR2803R3SFES Datasheet HTML 1Page - International Rectifier ATR2803R3SFES Datasheet HTML 2Page - International Rectifier ATR2803R3SFES Datasheet HTML 3Page - International Rectifier ATR2803R3SFES Datasheet HTML 4Page - International Rectifier ATR2803R3SFES Datasheet HTML 5Page - International Rectifier ATR2803R3SFES Datasheet HTML 6Page - International Rectifier ATR2803R3SFES Datasheet HTML 7Page - International Rectifier ATR2803R3SFES Datasheet HTML 8Page - International Rectifier ATR2803R3SFES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
07/07/11
www.irf.com
1
HYBRID - HIGH RELIABILITY
DC-DC CONVERTER
ATR28XXS SERIES
Description
n 16V to 40VDC Input Range (28VDC Nominal)
n 3.3V, 5V, 12V and 15V Outputs Available
n Indefinite Short Circuit and Overload
Protection
n Up to 35W/in
3 Power Density
n 30W Output Power Models
n Fast Loop Response for Superior Transient
Characteristics
n Operating Temperature Range from
-55°C to +125°C
n Popular Industry Standard Pin-Out
n Resistance Seam Welded Case for Superior
Long Term Hermeticity
n Ceramic Feed-thru Pins
n External Synchronization
n Efficiencies up to 84%
n Shutdown from External Signal
n Military Screening
n Standard Microcircuit Drawings Available
Features
ATR
28V Input, Single Output
The advanced feedback design provides fast loop
response for superior line and load transient characteristics
and offers greater reliability and radiation tolerance
than devices incorporating optical feedback circuits.
Three standard temperature grades are offered with
screening options. Refer to Part Number section. These
devices can be provided in a standard plug-in package
for PC mounting or in a flanged package for more
severe environments.
Extensive computer simulation using complex modeling
enables rapid design modification to be provided.
Contact IR San Jose with specific requirements.
The ATR28XXS Series of DC-DC converters feature
high power density and an extended temperature range
for use in military and industrial applications. Designed
to MIL-STD-704D input requirements, these devices
have nominal 28VDC inputs with 3.3V, 5V, 12V and
15V single outputs to satisfy a wide range of requirements.
The circuit design incorporates a pulse width modulated
single forward topology operating in the feed-forward
mode at a nominal switching frequency of 550KHz.
Input to output isolation is achieved through the use of
transformers in the forward and feedback circuits.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizingDLA
Land and Maritime qualified processes. For available
screening options, refer to device screening table in
the data sheet. Variations in electrical, mechanical and
screening can be accommodated.
PD-94549C


Similar Part No. - ATR2803R3SFES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - ATR2803R3SFES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2700S IRF-AFL2700S_15 Datasheet
539Kb / 16P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2800D IRF-ATR2800D_15 Datasheet
275Kb / 8P
HYBRID - HIGH RELIABILITY DC-DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHP27005DXES IRF-AHP27005DXES Datasheet
214Kb / 10P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com