Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2805SFES Datasheet(PDF) 11 Page - International Rectifier

Part # ATR2805SFES
Description  HYBRID - HIGH RELIABILITY DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2805SFES Datasheet(HTML) 11 Page - International Rectifier

Back Button ATR2805SFES Datasheet HTML 4Page - International Rectifier ATR2805SFES Datasheet HTML 5Page - International Rectifier ATR2805SFES Datasheet HTML 6Page - International Rectifier ATR2805SFES Datasheet HTML 7Page - International Rectifier ATR2805SFES Datasheet HTML 8Page - International Rectifier ATR2805SFES Datasheet HTML 9Page - International Rectifier ATR2805SFES Datasheet HTML 10Page - International Rectifier ATR2805SFES Datasheet HTML 11Page - International Rectifier ATR2805SFES Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.irf.com
11
ATR28XXS Series
Pin Designation
Mechanical Outlines
* If neither remote sense nor voltage trim is used, connect
Pin 3 to 4 and 5 to 6 or output voltage will increase by 1.2V.
Pin #
Designation
1
+ Input
2
Inhibit Input
3
Sense Return*
4
Output Return
5
+ Output
6
+ Sense*
7NC
8
Case Ground
9Sync.
10
Input Return
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit
Vendor Cage
IR Standard
Drawing Number
Code
Part Number
5962-94624
52467
ATR2805S
5962-94625
52467
ATR2812S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com