Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS2805SES Datasheet(PDF) 4 Page - International Rectifier

Part # ATS2805SES
Description  HIGH RELIABILITY DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATS2805SES Datasheet(HTML) 4 Page - International Rectifier

  ATS2805SES Datasheet HTML 1Page - International Rectifier ATS2805SES Datasheet HTML 2Page - International Rectifier ATS2805SES Datasheet HTML 3Page - International Rectifier ATS2805SES Datasheet HTML 4Page - International Rectifier ATS2805SES Datasheet HTML 5Page - International Rectifier ATS2805SES Datasheet HTML 6Page - International Rectifier ATS2805SES Datasheet HTML 7Page - International Rectifier ATS2805SES Datasheet HTML 8Page - International Rectifier ATS2805SES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.irf.com
ATS SERIES
(28V Input, Single/Dual Output)
Electrical Performance Characteristics ( continued )
For Notes to Electrical Performance Characteristics Table, refer to page 5
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input current, no load ( IIN )
ATS2803R3S
ATS2805S
ATS2812S
ATS2815S
ATS2805D
ATS2812D
ATS2815D
1,2,3
IOUT = 0, Pin 4 open
60
70
70
70
70
100
100
mA
Input current inhibited
1,2,3
Pin 4 shorted to pin 2
8.0
mA
Output ripple ( VRIP )
ATS2803R3S
ATS2805S
ATS2812S
ATS2815S
ATS2805D
ATS2812D
ATS2815D
1,2,3
VIN = 16, 28, 50 Volts
IOUT = 100% rated load
Notes 4, 6
35
50
70
80
80
80
80
mV p-p
Switching frequency ( FS )
1,2,3
Sync. Input (Pin 4) open
425
500
575
KHz
Efficiency ( EFF )
ATS2803R3S
ATS2805S
ATS2812S
ATS2815S
ATS2805D
ATS2812D
ATS2815D
1,2,3
IOUT = 100% rated load
Note 4
68
75
75
75
75
75
75
75
79
80
81
79
79
80
%
Enable Input ( Inhibit Function )
open circuit voltage
drive current ( sink )
voltage range
1,2,3
Note 1
9.5
-0.5
11.5
500
50
V
µA
V
Current Limit Point
Expressed as a percentage
of full rated load current
1,2,3
Vout = 90% of Nominal, Note 4
105
130
%
Power dissipation, load fault (PD)
1,2,3
Short Circuit, Overload, Note 8
14
W
Output response to
step load changes (VTLD)
4,5,6
Half Load to/from Full Load, Notes 4,9
-300
300
mV pk
Recovery time,
step load changes (TTLD)
4,5,6
Half Load to/from Full Load, Note
4,9,10
200
µs
Output response to
step line changes (VTLN)
4,5,6
16V to/from 50V
IOUT = 100% rated load, Notes 1,4,11
-300
300
mV pk
Recovery Time,
step line changes (TTLN)
4,5,6
16V to/from 50V
IOUT = 100% rated load, Notes
1,4,10,11
200
µs
Turn-on Response
Overshoot (VOS)
Turn-on Delay (TDLY)
4,5,6
No Load, Full Load
Notes 4,12
2.0
500
10
mV
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com