Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASAP2815SHB Datasheet(PDF) 4 Page - International Rectifier

Part # ASAP2815SHB
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASAP2815SHB Datasheet(HTML) 4 Page - International Rectifier

  ASAP2815SHB Datasheet HTML 1Page - International Rectifier ASAP2815SHB Datasheet HTML 2Page - International Rectifier ASAP2815SHB Datasheet HTML 3Page - International Rectifier ASAP2815SHB Datasheet HTML 4Page - International Rectifier ASAP2815SHB Datasheet HTML 5Page - International Rectifier ASAP2815SHB Datasheet HTML 6Page - International Rectifier ASAP2815SHB Datasheet HTML 7Page - International Rectifier ASAP2815SHB Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.irf.com
ASAP Series
Absolute Maximum Ratings
Input Voltage
-0.5V to 50V Continous, 80V for 1 second
Power Output
Internally limited
Soldering Temperature
300°C for 10 seconds
Temperature Range
Operating
-55°C to +125°C Case
Storage
-65°C to +150°C
For Notes to Specifications, refer to page 5
ASAP2805D/XX
ASAP2812D/XX
ASAP2815D/XX
TEST
Conditions
-55°
≤ TC ≤+125°C
VIN = 28V dc ±5% CL = 0
unless otherwise specified
Group A
Subgroups
Min
Max
Min
Max
Min
Max
Unit
1
±4.95
±5.05
±11.88
±12.12
±14.85
±15.15
Output voltage
IOUT = 0
2, 3
±4.90
±5.10
±11.76
±12.24
±14.70
±15.30
V
Output current
1, 2
VIN = 15, 28, and 50 Vdc
either output
1, 2, 3
240
960
100
400
80
320
mA
Output ripple voltage
3, 4
VIN = 15, 28 and 50 Vdc
1, 2, 3
100
200
200
mV PP
Line regulation
4
VIN = 15, 28, and 50 Vdc
IOUT = 0, 50%, 100% IMAX
1, 2, 3
±50
±50
±50
mV
Load regulation
4
VIN = 15, 28, and 50 Vdc
IOUT = 0, 50%, 100% IMAX
1, 2, 3
±50
±50
±50
mV
Cross regulation
5
20% to 80% load change
1, 2, 3
15
8.0
8.0
%
IOUT = 0
Pin 5 connected to pin 7
12
12
12
Input current
IOUT = 0 Pin5 open
1, 2, 3
60
60
60
mA
Input ripple current
3, 4
IOUT = IMAX
1, 2, 3
100
100
100
mA PP
1, 3
70
71
71
Efficiency
4
IOUT = IMAX
2
66
68
68
%
Isolation
Input to output or any pin
to case (except pin 8) at
500 Vdc, Tc = +25° C
1
100
100
100
M
Ω
Capacitive load
6, 7
No effect on dc
performance, total for both
outputs
4
200
200
200
µF
Overload
8
5.0
5.0
5.0
Power dissipation load
fault
Short circuit
1, 2, 3
2.0
2.0
2.0
W
Switching frequency
4
IOUT = IMAX
4, 5, 6
500
600
500
600
500
600
KHz
IOUT = 50%
Ù 100% IMAX
-400
+400
-400
+400
-400
+400
Output response to step
transient load changes
4, 9
IOUT = 0
Ù 50% IMAX
4, 5, 6
-800
+800
-800
+800
-800
+800
mV pk
IOUT = 50%
Ù 100% IMAX
100
100
100
Recovery time, step
transient load changes
4, 9, 10
IOUT = 0
Ù 50% IMAX
4, 5, 6
2000
2000
2000
µs
Output response
transient step line
changes
4, 7, 11
VIN = 15
Ù 50Vdc,IOUT =
IMAX
4, 5, 6
-750
+750
- 750
+750
-750
+750
mV pk
Recovery time transient
step line changes
4, 7, 10, 11
VIN = 15
Ù 50Vdc, IOUT =
IMAX
4, 5, 6
1200
1200
1200
µs
Turn on overshoot
4
IOUT = 0 and IMAX
4, 5, 6
600
600
600
mV pk
Turn on delay
4, 12
IOUT = 0 and IMAX
4, 5, 6
25
25
25
ms
Load fault recovery
7
4, 5, 6
25
25
25
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com