Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASAP2805DHB Datasheet(PDF) 7 Page - International Rectifier

Part # ASAP2805DHB
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASAP2805DHB Datasheet(HTML) 7 Page - International Rectifier

  ASAP2805DHB Datasheet HTML 1Page - International Rectifier ASAP2805DHB Datasheet HTML 2Page - International Rectifier ASAP2805DHB Datasheet HTML 3Page - International Rectifier ASAP2805DHB Datasheet HTML 4Page - International Rectifier ASAP2805DHB Datasheet HTML 5Page - International Rectifier ASAP2805DHB Datasheet HTML 6Page - International Rectifier ASAP2805DHB Datasheet HTML 7Page - International Rectifier ASAP2805DHB Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
ASAP Series
0.800
±.005
1.075
0.220
0.270
1.075
0.800
0.025 ± .003 Dia Pins
123
45
6
87
Case Outline
Single Output - Pin Designation
Dual Output - Pin Designation
Notes:
1) All dimensions are in inches
2) The tolerance for X.XXX = 0.005
Pin #
Designation
1
+ Output
2
Output Return
3N/C
4N/C
5
Inhibit
6
+ Input
7
Input Return
8Case
Pin #
Designation
1
+ Output
2
Output Return
3
- Output
4N/C
5
Inhibit
6
+ Input
7
Input Return
8Case



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com