Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS367 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS367
Description  3-STATE HEX BUFFERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS367 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS367 Datasheet HTML 1Page - Motorola, Inc 74LS367 Datasheet HTML 2Page - Motorola, Inc 74LS367 Datasheet HTML 3Page - Motorola, Inc 74LS367 Datasheet HTML 4Page - Motorola, Inc 74LS367 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-516
FAST AND LS TTL DATA
3-STATE HEX BUFFERS
These devices are high speed hex buffers with 3-state outputs. They are
organized as single 6-bit or 2-bit / 4-bit, with inverting or non-inverting data (D)
paths. The outputs are designed to drive 15 TTL Unit Loads or 60 Low Power
Schottky loads when the Enable (E) is LOW.
When the Output Enable (E) is HIGH, the outputs are forced to a high
impedance “off” state. If the outputs of the 3-state devices are tied together,
all but one device must be in the high impedance state to avoid high currents
that would exceed the maximum ratings. Designers should ensure that Output
Enable signals to 3-state devices whose outputs are tied together are
designed so there is no overlap.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54
74
– 1.0
– 2.6
mA
IOL
Output Current — Low
54
74
12
24
mA
SN54/74LS365A
SN54/74LS366A
SN54/74LS367A
SN54/74LS368A
3-STATE HEX BUFFERS
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
16
1
D SUFFIX
SOIC
CASE 751B-03


Similar Part No. - 74LS367

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS367 NSC-74LS367 Datasheet
137Kb / 6P
Hex TRI-STATE Buffers
logo
ON Semiconductor
74LS367 ONSEMI-74LS367 Datasheet
93Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS367 TI-74LS367 Datasheet
682Kb / 21P
HEX BUS DROVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LS367 FAIRCHILD-74LS367 Datasheet
47Kb / 4P
Hex 3-STATE Buffer/Bus Driver
logo
Hitachi Semiconductor
74LS367 HITACHI-74LS367 Datasheet
54Kb / 6P
Hex Bus Drivers(non-inverted data outputs with three-state outputs)
More results

Similar Description - 74LS367

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS365A NSC-54LS365A Datasheet
131Kb / 6P
Hex TRI-STATE Buffers
54LS367A NSC-54LS367A Datasheet
137Kb / 6P
Hex TRI-STATE Buffers
DM54367 NSC-DM54367 Datasheet
94Kb / 4P
Hex TRI-STATE Buffers
MM70C95 NSC-MM70C95 Datasheet
159Kb / 8P
TRI-STATE Hex Inverters, Buffers
logo
Fairchild Semiconductor
MM80C95 FAIRCHILD-MM80C95 Datasheet
83Kb / 7P
3-STATE Hex Buffers 3-STATE Hex Inverters
logo
List of Unclassifed Man...
DM80L98 ETC1-DM80L98 Datasheet
90Kb / 2P
TRI-STATE Hex Buffers
DM8094 ETC1-DM8094 Datasheet
70Kb / 2P
TRI-STATE Hex Buffers
logo
National Semiconductor ...
DM54368 NSC-DM54368 Datasheet
69Kb / 3P
HEX TRI-STATE INVERTING BUFFERS
logo
List of Unclassifed Man...
8T95 ETC1-8T95 Datasheet
228Kb / 4P
High Speed Hex 3-State Buffers/Inverters
logo
STMicroelectronics
T74LS365A STMICROELECTRONICS-T74LS365A Datasheet
87Kb / 4P
3-STATE HEX BUFFERS
Sep-1988
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com