Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

263R3 Datasheet(PDF) 2 Page - C&D Technologies

Part # 263R3
Description  Bobbin Wound Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

263R3 Datasheet(HTML) 2 Page - C&D Technologies

  263R3 Datasheet HTML 1Page - C&D Technologies 263R3 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2600 SERIES
Bobbin Wound Surface Mount Inductors
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
5816 Creedmoor Road, Raleigh
NC 27612, USA
Tel: +1 (919) 571-9405
Fax: +1 (919) 571-9262
email: info@us.cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2001
NMP 2600.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
PACKAGE DETAILS
1 For tape and reel packaging details refer to datasheet NDCAN002
Order Code
TYP Weight (g)
Packaging Style
26XXX
1.54
Tape & Reel1
26SXXX
2.34
1 - MECHANICAL DIMENSIONS (UNSHIELDED TYPES)
Unless otherwise stated all dimensions in mm ±0.35mm.
Hatching represents solder pads.
Recommended Footprint Details
9.00±0.40
5.40±0.40
10.00±0.40
10.00±0.05
R1.00
2.50±0.05
9.50±0.05
2 - MECHANICAL DIMENSIONS (EMI SHIELDED TYPES)
Unless otherwise stated all dimensions in mm ±0.35mm.
Hatching represents solder pads.
Recommended Footprint Details
5.40±0.50
1.00
12.60
10.00±0.05
R1.00
2.50±0.05
9.50±0.05
11.60



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com