Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

412R7 Datasheet(PDF) 1 Page - C&D Technologies

Part # 412R7
Description  Toroidal Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

412R7 Datasheet(HTML) 1 Page - C&D Technologies

  412R7 Datasheet HTML 1Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time,
without notice. Please check with your supplier or visit our web site to
ensure that you have the current and complete specification for your
product before use.
© C&D Technologies (NCL) Limited 2003
NMP 4100.1
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without
prior written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from: www.cdpoweronline.com
4100 SERIES
Toroidal Surface Mount Inductors
FEATURES
2.7µH to 330µH
Surface Mounting
Up to 8.10A IDC
UL 94V-0 Package Materials
Compact Size
Toroidal Construction giving Low
Leakage Flux
Pick & Place Compatible
DESCRIPTION
The 4100 series is a range of surface mount
toroidal inductors designed for use in
switching power supplies and DC/DC
converters. The parts are ideal for
applications requiring low profile compact
components in a surface mount package.
PACKAGE DETAILS
Order Code
TYP Weight (g)
Packaging Style
QTY
41XXX
5.6
Tube
25
MECHANICAL DIMENSIONS
SELECTION GUIDE
Nominal
Inductance
DC
DC Current
Inductance
Range
Resistance
Continuous
µH
µH
mΩ
A
Order Code
10kHz rms 10mV AC 10kHz rms 10mV AC
MAX
MAX
412R7
2.7
2.1 - 3.5
14
8.10
414R7
4.7
3.3 - 5.4
18
6.70
416R8
6.8
4.7 - 7.8
20
5.70
41100
10
7.3 - 12.2
24
4.70
41150
15
10.6 - 17.6
28
4.00
41220
22
15.8 - 26.3
33
3.30
41330
33
23.8 - 39.6
38
2.70
41470
47
35.5 - 59.2
62
2.20
41680
68
52.2 - 87.0
110
1.75
41101
100
75.2 - 125
158
1.47
41151
150
114 - 189
247
1.16
41221
220
164 - 274
377
1.03
41331
330
247 - 412
462
0.83
0.66 (16.76)
MAX
Recommended Footprint Details
0.69 (17.53)
MAX
0.62 (15.75)
0.060 (1.52)
0.59
(14.99)
S
0.614 (15.58)
0.552 (14.01)
0.39 (9.91)
MAX
x4 Places
0.005 (0.127) S
All dimensions in inches (mm)
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
–40°C to 85°C
Storage temperature range
–40°C to 125°C
TUBE OUTLINE DIMENSIONS
0.709 (18.0)
0.024±0.006 (0.60±0.15)
0.398
(10.1)
www.cdpoweronline.com


Similar Part No. - 412R7

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
412R7C MURATA-412R7C Datasheet
114Kb / 2P
Toroidal Surface Mount Inductors
logo
Murata Power Solutions ...
412R7C MURATA-PS-412R7C Datasheet
186Kb / 2P
Toroidal Surface Mount Inductors
More results

Similar Description - 412R7

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
4000 CANDD-4000 Datasheet
192Kb / 1P
Toroidal Surface Mount Inductors
logo
ECM Electronics Limited...
SMTC30 ECM-SMTC30 Datasheet
148Kb / 1P
Surface Mount Toroidal Inductors
logo
Rhombus Industries Inc.
L-15000 RHOMBUS-IND-L-15000 Datasheet
41Kb / 1P
Surface Mount Toroidal Inductors
logo
Murata Manufacturing Co...
KMP_4000 MURATA-KMP_4000 Datasheet
103Kb / 2P
Toroidal Surface Mount Inductors
KMP_4100 MURATA-KMP_4100 Datasheet
114Kb / 2P
Toroidal Surface Mount Inductors
KMP_4200 MURATA-KMP_4200 Datasheet
138Kb / 3P
Toroidal Surface Mount Inductors
KMP_4300 MURATA-KMP_4300 Datasheet
136Kb / 3P
Dual Winding Toroidal Surface Mount Inductors
83683C MURATA-83683C Datasheet
167Kb / 2P
Toroidal Surface Mount Power Inductors
logo
ECM Electronics Limited...
SMTC ECM-SMTC Datasheet
152Kb / 1P
ECM Surface Mount Toroidal Inductors
logo
Murata Power Solutions ...
4100 MURATA-PS-4100 Datasheet
186Kb / 2P
Toroidal Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com