Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

492R2 Datasheet(PDF) 1 Page - C&D Technologies

Part # 492R2
Description  Dual Winding Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

492R2 Datasheet(HTML) 1 Page - C&D Technologies

  492R2 Datasheet HTML 1Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time,
without notice. Please check with your supplier or visit our web site to
ensure that you have the current and complete specification for your
product before use.
© C&D Technologies (NCL) Limited 2003
NMP 4900.1
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without
prior written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from: www.cdpoweronline.com
4900 SERIES
Dual Winding Surface Mount Inductors
FEATURES
■
2.2µH to 880µH1
■
Up to 9.5A IDC
■
Bobbin Format
■
Dual Winding
■
Surface Mounting
■
Integral EMI Shield
■
Compact Size
■
Tape and Reel Packaging
■
No Voltage Breakdown at 500VDC
DESCRIPTION
The 4900 series is a range of dual wind
inductors offering flexible options. Windings
have a 1:1 ratio and can be connected in
series or parallel to create a wide range of
inductance combinations. The secondary
winding could be used as a feedback
winding in switched mode power supplies.
1 When connecting windings in series, inductance
will be 4 times the nominal figure shown.
2 Specifications typical at TA=25°C
3 If current is flowing in both windings the maximum
DC current occurs when either the inductance falls
to 75% of its nominal value or when its temperature
rise reaches 40°C, whichever is sooner.
PACKAGE DETAILS
Order Code
TYP Weight (g)
Packaging Style
QTY
49XXX
4
Tape & Reel
500
MECHANICAL DIMENSIONS
SELECTION GUIDE2
Nominal
Inductance
DC
DC Current
Inductance1
Range
Resistance
Continuous3
µH
µH
mΩ
A MAX
10kHz,100mV
10kHz, 100mV
MAX
1&2 S/C to
Order Code
1&3, 2&4
1&3, 2&4
1&3, 2&4
3&4 S/C
492R2
2.2
1.77 - 2.65
12.6
9.50
493R3
3.3
2.47 - 3.70
14.9
7.80
494R7
4.7
3.29 - 4.93
17.1
6.50
496R8
6.8
5.27 - 7.91
27.0
5.40
49100
10
7.70 - 11.6
41.0
4.50
49150
15
10.6 - 16.0
53.0
3.70
49220
22
15.9 - 23.8
81.0
3.00
49330
33
24.5 - 36.8
128
2.50
49470
47
35.1 - 52.6
191
2.10
49680
68
50.8 - 76.2
233
1.71
49101
100
73.6 - 110
348
1.41
49151
150
111 - 166
529
1.15
49221
220
167 - 251
805
0.95
0.47 (12.0)
0.47 (12.0)
2
1
3
4
0.315 (8.0)
MAX
0.59 (15.0)
0.20 (5.0)
All dimensions in inches (mm)
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
–40°C to 85°C
Storage temperature range
–40°C to 125°C
PIN CONNECTIONS (TOP VIEW)
1
2
3 & 1 = Primary Winding
4 & 2 = Secondary Winding
4
3
www.cdpoweronline.com
0.04 (1.0)
0.20
(5.0)
Recommended Footprint Details


Similar Part No. - 492R2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
492R2C MURATA-492R2C Datasheet
128Kb / 2P
Shielded Dual Winding Surface Mount Inductors
492R2SC MURATA-492R2SC Datasheet
145Kb / 3P
Shielded Surface Mount Power Inductors
More results

Similar Description - 492R2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_4300 MURATA-KMP_4300 Datasheet
136Kb / 3P
Dual Winding Toroidal Surface Mount Inductors
KMP_4700 MURATA-KMP_4700 Datasheet
128Kb / 2P
Shielded Dual Winding Surface Mount Inductors
KMP_4800 MURATA-KMP_4800 Datasheet
129Kb / 2P
Shielded Dual Winding Surface Mount Inductors
KMP_4900 MURATA-KMP_4900 Datasheet
128Kb / 2P
Shielded Dual Winding Surface Mount Inductors
logo
Bourns Electronic Solut...
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
Dual-Winding Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com