Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23220 Datasheet(PDF) 2 Page - C&D Technologies

Part # 23220
Description  Bobbin Wound Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

23220 Datasheet(HTML) 2 Page - C&D Technologies

  23220 Datasheet HTML 1Page - C&D Technologies 23220 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2003
NMP 2300.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
2300 SERIES
Bobbin Wound Surface Mount Inductors
1 – MECHANICAL DIMENSIONS (UNSHIELDED TYPES)
2 – MECHANICAL DIMENSIONS (EMI SHIELDED TYPES)
Weight: 0.34g
Unless otherwise stated all dimensions in inches (mm) ±0.1(0.25).
Hatching represents solder pads.
Recommended Footprint Details
0.220 (5.6)
0.126 (3.2)
0.028 (0.7)
0.244 (6.2)
0.197
(5.0)
R0.039 (R1.0)
0.067 (1.7)
0.177
(4.5)
Weight: 0.20g
Unless otherwise stated all dimensions in inches (mm) ±0.1(0.25).
Hatching represents solder pads.
Recommended Footprint Details
0.157 (4.0)
0.126 (3.2)
0.177 (4.5)
0.197
(5.0)
R0.039 (R1.0)
0.067 (1.7)
0.177
(4.5)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com