Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS393 Datasheet(PDF) 5 Page - Motorola, Inc

Part # 74LS393
Description  DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS393 Datasheet(HTML) 5 Page - Motorola, Inc

  74LS393 Datasheet HTML 1Page - Motorola, Inc 74LS393 Datasheet HTML 2Page - Motorola, Inc 74LS393 Datasheet HTML 3Page - Motorola, Inc 74LS393 Datasheet HTML 4Page - Motorola, Inc 74LS393 Datasheet HTML 5Page - Motorola, Inc 74LS393 Datasheet HTML 6Page - Motorola, Inc 74LS393 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5-548
FAST AND LS TTL DATA
SN54/74LS390
• SN54/74LS393
AC SETUP REQUIREMENTS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock Pulse Width
LS393
20
ns
VCC = 5.0 V
tW
CP0 Pulse Width
LS390
20
ns
VCC = 5.0 V
tW
CP1 Pulse Width
LS390
40
ns
VCC = 5.0 V
tW
MR Pulse Width
LS390/393
20
ns
CC = 5.0 V
trec
Recovery Time
LS390/393
25
ns
AC WAVEFORMS
*The number of Clock Pulses required between tPHL and tPLH measurements can be determined from the appropriate Truth Table.
*CP
Q
Q
MR & MS
CP
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tPHL
tPLH
Figure 1
Figure 2
tW
tW
trec



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com