Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS40 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS40
Description  DUAL 4-INPUT NAND BUFFER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS40 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS40 Datasheet HTML 1Page - Motorola, Inc 74LS40 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5-51
FAST AND LS TTL DATA
DUAL 4-INPUT NAND BUFFER
14
13
12
11
10
9
1
2
3
4
5
6
VCC
8
7
GND
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 1.2
mA
IOL
Output Current — Low
54
74
12
24
mA
SN54/74LS40
DUAL 4-INPUT NAND BUFFER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - 74LS40

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS42 NSC-74LS42 Datasheet
128Kb / 6P
Decimal Decoders
logo
ON Semiconductor
74LS42 ONSEMI-74LS42 Datasheet
107Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Hitachi Semiconductor
74LS42 HITACHI-74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Motorola, Inc
74LS42N MOTOROLA-74LS42N Datasheet
40Kb / 3P
ONE-OF-TEN DECODER LOW POWER SCHOTTKY
logo
Raytheon Company
74LS43 RAYTHEON-74LS43 Datasheet
201Kb / 3P
4-Line To 10-Line Decoders(1-of-10)
More results

Similar Description - 74LS40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F40 PHILIPS-74F40 Datasheet
34Kb / 3P
Dual 4-input NAND buffer
April 11, 1989
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
HCC40107B STMICROELECTRONICS-HCC40107B Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
logo
Texas Instruments
CD40107B TI-CD40107B Datasheet
165Kb / 10P
CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Fairchild Semiconductor
DM74S40 FAIRCHILD-DM74S40 Datasheet
33Kb / 3P
Dual 4-Input NAND Buffer
logo
Intersil Corporation
CD40107BMS INTERSIL-CD40107BMS Datasheet
57Kb / 7P
CMOS Dual 2 Input NAND Buffer/Driver
December 1992
logo
National Semiconductor ...
DM74LS40 NSC-DM74LS40 Datasheet
93Kb / 4P
Dual 4-Input NAND Buffer
logo
List of Unclassifed Man...
MMC40107 ETC-MMC40107 Datasheet
135Kb / 4P
DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Motorola, Inc
MC74F40 MOTOROLA-MC74F40 Datasheet
28Kb / 2P
DUAL 4-INPUT NAND BUFFER
logo
STMicroelectronics
HCF40107B STMICROELECTRONICS-HCF40107B_02 Datasheet
617Kb / 11P
DUAL 2-INPUT NAND BUFFER/DRIVER
Oct-2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com