Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

786 Datasheet(PDF) 2 Page - C&D Technologies

Part # 786
Description  Pulse Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

786 Datasheet(HTML) 2 Page - C&D Technologies

  786 Datasheet HTML 1Page - C&D Technologies 786 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
786 SERIES
Pulse Transformers
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2001
NMP 786.1
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
MECHANICAL DIMENSIONS
All pins on a 2.54mm pitch and within
±0.25mm of true pin pitch position.
Unless otherwise stated all dimensions in
mm ±0.25mm.
Package Weight 1.0g TYP.
PIN CONNECTION STYLE – 6 PIN DIP/SMD (TOP VIEW)
1
6 Pin DIP Package Style
6 Pin SMD Package Style
6 Pin SMD Package Style
1
*2
3
6
5*
4
78601/1
XYYWW
8.89
9.52
11.50
6.35
3.44±0.50
2.54
Ø1.20 +0.15
–0.00
1.00
0.30
0.20
10.16
5.08
0.63
0.53
Pins 2 &5 are not
fitted on 78601 &
78604 variants.
Pin 5 is not fitted on
78613 variants.
* Pins only fitted on 786XX/XM-R variants.
78602/16
XYYWW
8.89
9.52
12.70
6.35
0.30
0.20
0.90
1.60
2.54
2.54
2.54
0.63
0.53
Pri
Sec
2
1
2
3
6
5
4
Pri
Sec 1
Sec 2
3
1
2
3
6
5*
4
Pri
Sec
4
1
2
3
6
5
4
Pri
Sec
Recommended Footprint Details
6 Pin DIP Package Style
PACKAGING DETAILS
Order Code
Packaging Style
QTY
786XX/X
Tube
50
786XX/XM-R
Tape & Reel to IEC 286-3
Specifications
500
For tape and reeling packaging details refer to datasheet NDCAN002.
TUBE OUTLINE DIMENSIONS
Unless otherwise stated all
dimensions in mm
±0.5mm.
Tube Length: 465mm
±2mm.
Tube Material: Antistatic
coated clear pvc.
15.70
3.80
10.95
4.00
0.60±0.15
5.50
12.95



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com