Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM800OAI Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # EM800OAI
Description  LambdaDriver짰 - Optical Amplifi er Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM800OAI Datasheet(HTML) 2 Page - MRV Communications, Inc.

  EM800OAI Datasheet HTML 1Page - MRV Communications, Inc. EM800OAI Datasheet HTML 2Page - MRV Communications, Inc. EM800OAI Datasheet HTML 3Page - MRV Communications, Inc. EM800OAI Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
In APC mode, the module maintains the output total
power constant at the pre-defined Output Power
settings.
Additionaly each OA module with “M” in part number
includes a special“Mid-stage”port for Optical Dispersion
Compensator.
There are 3 types of OAs: Booster, In-Line and Pre-
Amplifier. The main difference between these modules
is the Input power level that dictates the application of
the specific module and the Gain values. For example,
Booster is usually used at the beginning of the line and
therefore Input levels above 0 dBm and Gain of 9 to15
dB should be expected. On the other hand, Pre-Amplifier
Input level is very weak (down to –32 dBm/channel)
because it is positioned at the end of the line.
Multi-channel (DWDM) amplifiers are equipped with
Gain Flattening Filters (GFF) and provide flat gain
response across entire C-band and input power range.
For single channel applications GFF cost is saved.
Optical Amplifier modules provide Automatic Power
Shutdown, when input is below auto-shutdown
threshold. Power Shutdown can be also forced through
the management.
The compact, 1-slot LambdaDriver Optical Amplifier
modules install into any of the LambdaDriver® chassis.
Most of the standard EDFA units have maximum
+18dBm total output power. Special “High Power” EDFA
modules have maximum +22dBm total output power
that mainly serve high wavelength count (more than
32 waves) DWDM or ultra long single span applications.
These high power units are double slot size.
Each module provides visual indications of the front
panel and can be operated without management as
plug and play EDFA.
Besides DWDM networks application, LambdaDriver®
EDFAs can be used in any Single channel application
thus providing flexible means of extending an optical
link by compensating for optical budget loss.
Operating Temperature
-5 oC - 45 oC (23 oF to 113 oF)
Storage Temperature
-10 oC - 70 oC (50 oF to 158 oF)
Relative Humidity
85% maximum, non-condensing
Dimensions (W x H x D)
EM800 + 18dBm type
EM1600 + 18dBm type
EM800 High Power
EM1600 High Power
26.93 mm (1.06 in) x 130.7 mm (5.145 in) x 227 mm (8.956 in) (1 slot wide)
26.93 mm (1.06 in) x 263.4 mm (10.37 in) x 227 mm (8.956 in) (1 slot wide)
54.18 mm (2.13 in) x 130.7 mm (5.14 in) x 227 mm (8.956 in) (2 slot wide)
54.18 mm (2.13 in) x 263.4 mm (10.37 in) x 227 mm (8.956 in) (2 slot wide)
Weight:
EM800 + 18dBm type
EM1600 + 18dBm type
EM800 High Power
EM1600 High Power
0.586 Kg (1.28Lb)
0.865 Kg (2.11Lb)
1.016 Kg (2.24Lb)
1.305 Kg (2.47Lb)
Connectors
- All
- High Power Ouput
SC
E2000APC
Environment Specifications
WDM & Optical Transport



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com