Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM20098AXFP2 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # EM20098AXFP2
Description  LambdaDriver짰 Multi-protocol OTN Muxponder Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM20098AXFP2 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  EM20098AXFP2 Datasheet HTML 1Page - MRV Communications, Inc. EM20098AXFP2 Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MRV (West Coast USA)
20415 Nordhoff St.
Chatsworth, CA 91311
800-338-5316
818-773-0900
MRV (East Coast USA)
295 Foster St.
Littleton, MA 01460
800-338-5316
978-952-4700
MRV (International)
Bussiness Park Moerfelden
Waldeckerstrasse 13
64546 Moerfelden-Walldorf
Germany
Tel. (49) 6105/2070
Fax. (49) 6105/207-100
MRV has more than 50 offices throughout the world. Addresses, phone numbers, and fax numbers are listed at www.mrv.com.
Please e-mail us at sales@mrv.com or call us for assistance.
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness
thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications
logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
MRV-LD-8A8T
Rev.2
10 -11
Copyright ©2011 MRV Communications, Inc. All Rights Reserved.
EM2009-8AXFP
TDM Module with OTU2 XFP line port, 8 x SFP multiprotocol ports
EM2009-8AXFP2
TDM Module with 2 x OTU2 XFP line ports 8 x SFP multiprotocol ports
TM-8A8T
TDM Module with OTU2 tunable DWDM line ports, 8 x SFP multiprotocol ports 80km operating range
Operating Temperature
-5 to 45 oC
(23 to 113 oF)
Storage Temperature
-10 to 70 oC (14 to 158 oF)
Relative Humidity
85% maximum, non-condensing
Dimensions (W x H x D)
54.18 mm x 130.7 x 227mm (2.13 x 8.956 x 5.145 In)
Weight
EM2009-8AXFP: 0.726 kg
EM2009-8AXFP2: 0.750 kg
TM-8A8T:
0.858 kg
Connectors
8 x SFP & 1x XFP receptacles ( EM2009-8AXFP)
8 x SFP & 2x XFP receptacles ( EM2009-8AXFP2)
8 x SFP & 2x MU receptacles ( TM-8A8T)
Power Consumption (Fully loaded)
EM2009-8AXFP:
16.50Watt
EM2009-8AXFP2: 19.00 Watt
TM-8A8T:
24.50 Watt
Enviromental Specifications
Technical Specifications
Tunable DWDM wavelength models
XFP models
Access Data Rate
100Mbps to 4.25 Gbps
100Mbps to 4.25 Gbps
Line Data Rate
OTU2 (10.7Gbps)
OTU2 (10.7Gbps)
TX power (dBm)
4 - 7
per the XFP
Maximum receiver sensitivity (dBm)
-28
per the XFP
Overload (dBm)
-6
DWDM wavelengths range
1529-1563 nm on ITU-T G694.1 50 GHz grid
Chromatic Dispersion tolerance
1600 ps/nm
per the XFP
Dispersion penalty at limit (dB)
2
per the XFP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com