Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI200DC Datasheet(PDF) 3 Page - C&D Technologies

Part # CPCI200DC
Description  180/225 wATT, 3U x 4HP CompactPCI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

CPCI200DC Datasheet(HTML) 3 Page - C&D Technologies

  CPCI200DC Datasheet HTML 1Page - C&D Technologies CPCI200DC Datasheet HTML 2Page - C&D Technologies CPCI200DC Datasheet HTML 3Page - C&D Technologies CPCI200DC Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
cPCI200-DC REV A 7/2003
Product: www.cdpoweronline.com
NOTES: All measurements are in inches.
Weight: 1.4 lbs. (636g) net
MECHANICAL
PIN ASSIGNMENT: Pin assignment consistent with PICMG™ 2.11R1.0 specification. The table below details the PICMG™ assignment.
NOTES: (1) Pin numbers correspond to the female backplane connector.
(2) L = Long Length Pin (First Make, Last Break); M = Medium
Length Pins; S = Short Length Pins (Last Make, First Break)
Pin # 1
Staging 2
Signal Name Description
1-4
M
V1
V1 Output
5-12
M
RTN
V1 and V2 Return
13-18
M
V2
V2 Output
19
M
RTN
V3 Return
20
M
V3
V3 Output
21
M
V4
V4 Output
22
M
RTN
Signal Return
23
M
RESERVED
Reserved
24
M
RTN
V4 Return
25
M
GA0
Geographic Address Bit 0
26
M
RESERVED
Reserved
27
S
EN#
Enable
28
M
GA1
Geographic Address Bit 1
29
M
V1ADJ
V1 Adjust
30
M
V1 SENSE
V1 Remote Sense
31
M
GA2
Geographic Address Bit 2
32
M
V2ADJ
V2 Adjust
33
M
V2 SENSE
V2 Remote Sense
34
M
S RTN
Sense Return
35
M
V1 SHARE
V1 Current Share
36
M
V3 SENSE
V3 Remote Sense
37
M
IPMB SCL
IPMB Serial Clock Line
38
M
DEG#
Degrade Signal
39
M
INH#
Inhibit
40
M
IPMB SDA
IPMB Serial Data Line
41
M
V2 SHARE
V2 Current Share
42
M
FAL#
Fail Signal
43
M
IPMB PWR
IPMB Power Input
44
M
V3 SHARE
V3 Current Share
45
L
CGND
Chassis Grnd (Safety Grnd)
46
M
ACN/+DC IN
AC Input Neutral/+DC Input
47
M
ACL/-DC IN
AC Input Line/-DC Input
MECHANICAL
Shock: MIL-STD-810d, Method 516.3, Procedure 1.
Vibration: MIL-STD-810d, Method 514.3, Procedure 1.
Dimensions: 3U x 4HP x 160mm (see Mechanical above)
EMC & SAFETY
EMI: NEBS Compliant to GR1089 conducted emissions limit
ETSI Compliant to ETS 300-386 conducted emissions
limit
Safety Agency Ratings
180 Watt
225 Watt
Input Voltage:
36-72 VDC
36-72 VDC
Input Current:
7A
9A
Input Power:
260W
320W
Agency Approvals Pending
UL1950/CSA950, EN60950, CE Mark.
(Low Voltage Directive)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com