Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM316OSC Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # EM316OSC
Description  CWDM Passive Optical Add/Drop Multiplexers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316OSC Datasheet(HTML) 2 Page - MRV Communications, Inc.

  EM316OSC Datasheet HTML 1Page - MRV Communications, Inc. EM316OSC Datasheet HTML 2Page - MRV Communications, Inc. EM316OSC Datasheet HTML 3Page - MRV Communications, Inc. EM316OSC Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Datasheet
Optical Communications Systems™
2
CWDM SINGLE-SIDED OADM, DUAL FIBER DROP/INSERT CHANNEL, DUAL FIBER TRUNK/EXPRESS
Ordering Information
Add
Drop
EM316OSC/xx1
Optical Service Channel Module, Dual Fiber,
(Includes MU to LC Cables, 12”, SM)
LC / LC
LC
Select from
Wavelength Chart
1.0
1.0
0.2 / 0.6
EM316PAD-xx1
1- Channel Add/Drop Module Dual Fiber
(Includes MU to LC Cables, 12”, SM)
LC / LC
MU
Select from
Wavelength Chart
1.0
1.0
0.2 / 0.6
EM316PAD-xxyy1
2-Channel Add/Drop Module Dual Fiber
(Includes MU to LC Cables, 12”, SM)
LC / LC
MU
Select from
Wavelength Chart
1.0 - 1.3
1.0 - 1.3
0.2 / 1.0
EM316PADM41
4-Channel Add/Drop Module Dual Fiber
(Includes MU to LC Cables, 12”, SM).
LC / LC
MU
1470 - 1530
(20 nm increments)
1.3 - 2.2
1.3 - 2.2
0.2 / 1.5
EM316PADM42
4-Channel Add/Drop Module Dual Fiber
(Includes MU to LC Cables, 12”, SM)
LC / LC
MU
1550 - 1610
(20 nm increments)
1.3 - 2.2
1.3 - 2.2
0.2 / 1.5
EM316PADM8
8-Channel Add/Drop Module Dual Fiber
(Includes MU to LC Cables, 12”, SM).
MU / MU
MU
1470 - 1610
(20 nm increments)
0.9 - 2.7
0.9 - 2.7
0.2 / 3.5
Physical Specifications*
Operating Temperature: Non-powered Chassis
-40°C to 85°C (-40°F to 185°F)
Storage Temperature
-40°C to 85°C (-40°F to 185°F)
Relative Humidity
85% maximum, non-condensing
Physical Dimensions
25 mm x 75 mm x 175 mm deep (1” x 3” x 6” deep)
Approximate Weight
120 - 249 g (4.2 - 8.5 oz) depending on configuration
Regulatory Compliance
RoHS Directive; China RoHS; WEEE Directive
*Specifications for the chassis and other installed components must all support the operating environment.
Linear Point-to-Multipoint Application
Gigabit
Router
SAN
SAN
WDM
Gigabit
Router
Data Center
Up
Down
Communications
Center
Corp Center
Up
Down



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com