Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PASCSCAS3S Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # PASCSCAS3S
Description  Passive Splitter/Combiners
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

PASCSCAS3S Datasheet(HTML) 2 Page - MRV Communications, Inc.

  PASCSCAS3S Datasheet HTML 1Page - MRV Communications, Inc. PASCSCAS3S Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Optical Communications Systems™
MRV-FD-SPLTCMB-081610
Copyright ©2010 MRV Communications, Inc. All Rights Reserved.
3020074-001 Rev. A2
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at info@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff Street
300 Apollo Drive
Business Park Moerfelden
Chatsworth, CA 91311
Chelmsford, MA 01824
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-674-6800
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information, and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Physical Specifications: Cables
Grade
Super (S)
Typical Excess Loss
0.1 dB
Uniformity, (50:50)
0.6 dB
Thermal Stability (peak-peak)
< 0.2 dB
Polarization Stability
< 0.1 dB
Port Configuration
1 x 2 or 2 x 2
Coupling Ratio
50 : 50
Insertion Loss
3.5 dB
Directivity
> 50 dB (1 x 2)
Reflectance
< -55 dB
Operating Temperature
-40
0C to 850C (-400F to 1850F)
Storage Temperature
-40
0C to 850C (-400F to 1850F)
Relative Humidity
85% maximum, non-condensing
Ordering Information
Model
Function
Connectors
Port/Link
Wavelength
(nm)
Insertion Loss
(dB)
EM316SC/3M
Fiber Optic Splitter/Combiner module, MM
SC/SC-APC
1310
3.5
EM316SC/3M
Fiber Optic Splitter/Combiner module, SM
SC/SC-APC
1310
3.5
EM316SC/3M
Fiber Optic Splitter/Combiner module, SM
SC/SC-APC
1550
3.5
EM316SC/MS
Fiber Optic Splitter/Combiner module, SM
SC/SC-APC
1270-1610
3.5
PASCLCAS/3S
Cable Fiber Optic, Splitter/Combiner, SM
LC-SC/APC
1310 (± 40)
3.5
PASCLCAS/5S
Cable Fiber Optic, Splitter/Combiner, SM
LC-SC/APC
1550 (± 40)
3.5
PASCSCAS/3S
Cable Fiber Optic, Splitter Combiner, SM
SC-SC/APC
1310 (± 40)
3.5
PASCSCAS/5S
Cable Fiber Optic, Splitter Combiner, SM
SC-SC/APC
1550 (± 40)
3.5
PASCSCAS/MS
Cable Fiber Optic, Splitter Combiner, SM
SC-SC/APC
1310 (± 50) & 1550 (± 80)
3.5
Physical Specifications: Modules
Operating Temperature Range
0
0C to 500C (320F to 1220F)
Storage Temperature
-40
0C to 700C (-400F to 1580F)
Relative Humidity
85% maximum, non-condensing
Physical Dimensions
25 mm x 75 mm x 175 mm deep (1” x 3” x 7” deep)
Weight
Approximately 213 g (7.5 oz)
Regulatory Compliance
FCC Part 15 (Class A); IC (Class A); EMC Directive: Emission (Class A) and Immunity;
RoHS Directive; China RoHS; WEEE Directive



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com