Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PASCSCAS5S Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # PASCSCAS5S
Description  Passive Splitter/Combiners
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

PASCSCAS5S Datasheet(HTML) 1 Page - MRV Communications, Inc.

  PASCSCAS5S Datasheet HTML 1Page - MRV Communications, Inc. PASCSCAS5S Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Optical Communications Systems™
Overview
A Splitter/Combiner cable of module connect between dual-fiber and single-fiber optical signals, potentially doubling
the data capacity of the installed fiber plant. Separate Tx and Rx signals from a dual-fiber optical device using the same
wavelength over two fibers can be combined through the Splitter/Combiner onto a single bi-directional strand of fiber
for the long and expensive run to the remote site.
Another Splitter/Combiner at the remote site splits and combines the signals for the dual-fiber device at that location.
Splitter/Combiners are fully passive, and they operate at a specific wavelength. They are transparent to networks and
protocols. A pair of cables, as in the example above, attenuates an optical signal by no more than 7 dB on either single-
mode or multi-mode fiber. Signal reflections are effectively eliminated with angled polished connector (APC) at the
single-fiber “common” interface.
Passive Splitter/Combiners
(Dual-Fiber to Bi-directional Single-Fiber)
HIghlights
Double fiber capacity between single-fiber sources
Transition between dual-fiber and single-fiber
Protocol and network operation transparency
Fully passive (no power needed)
Low insertion loss (3.5 dB maximum per cable)
APC connectors for low 3.5 dB insertion loss
1
40 km
Dual-Fiber
Single-Fiber
Central Office


Similar Part No. - PASCSCAS5S

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
PASCSC3155 MRV-PASCSC3155 Datasheet
595Kb / 3P
Passive WDM Cables
More results

Similar Description - PASCSCAS5S

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBTC-2-10-75_75L MINI-SBTC-2-10-75_75L Datasheet
96Kb / 1P
Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
logo
Faraday Technology
VS400M FARADAY-VS400M Datasheet
39Kb / 2P
SERIAL DIGITAL VIDEO PASSIVE SIGNAL SPLITTER
AS400M FARADAY-AS400M Datasheet
43Kb / 2P
SERIAL DIGITAL AUDIO PASSIVE SIGNAL SPLITTER
AS400X FARADAY-AS400X Datasheet
39Kb / 2P
SERIAL DIGITAL AUDIO PASSIVE SIGNAL SPLITTER
logo
Mini-Circuits
K1-ADP MINI-K1-ADP Datasheet
260Kb / 1P
POWER SPLITTER/COMBINERS
K1-QCN MINI-K1-QCN Datasheet
279Kb / 1P
POWER SPLITTER/COMBINERS
K1-SBTC MINI-K1-SBTC Datasheet
307Kb / 1P
POWER SPLITTER/COMBINERS
K1-ZX10 MINI-K1-ZX10 Datasheet
280Kb / 1P
POWER SPLITTER/COMBINERS
K2-SBTC MINI-K2-SBTC Datasheet
304Kb / 1P
POWER SPLITTER/COMBINERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com