Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P53DM16 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P53DM16
Description  COMMON MODE CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P53DM16 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P53DM16 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS (mm)
SCHEMATIC
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P53DM16 SERIES
• Common mode choke with improved differential performance
withoutsacrificingcommonmodeperformance
• Dielectricwithstandingvoltage:1500Vrms(betweenwindings)
• Operatingtemperaturerange:0°Cto+70°C
• Customdesignavailableuponrequest
• RoHS compliant product
ELECTRICAL PARAMETERS @ 25°C
Part Number
P53DM16-
Inductance
1-3, 2-4
(mH Min)
Rated
Irms
(A)
Leakage Inductance
1-3 (shorted 2-4)
(µH Min)
DCR
(Ω MAX)
Dimension
F
(±0.005 inch)
402-6
4.0
5.0
40
0.026
0.046
502-5
5.0
4.5
60
0.032
0.046
702-4
7.0
4.0
80
0.052
0.040
103-3
10.0
3.0
100
0.072
0.036
Note:
1.
InductanceandLeakageInductancemeasured:10KHz,1Vrms
2.
Polarity: 1 and 2 are in phase
3.
TurnsRatio:1:1±1%(1-3to2-4)
4.
ΔTof35°CTemperatureRiseatratedcurrent
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
COMMONMODECHOKE
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.008
.XXX : ±0.004
mm:X,X:±0,20X,XX:±0,10


Similar Part No. - P53DM16

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P5300 ETAL-P5300 Datasheet
129Kb / 4P
ADSL Transformer
logo
Harris Corporation
P5300 HARRIS-P5300 Datasheet
369Kb / 2P
The VC4000 Charger
P5300 HARRIS-P5300 Datasheet
265Kb / 2P
GPS Speaker Microphone
logo
PFC Device Inc.
P5300A PFC-P5300A Datasheet
693Kb / 5P
5A 300V MOS Schottky Rectifier
P5300F-A PFC-P5300F-A Datasheet
666Kb / 5P
5A 300V MOS Schottky Rectifier
More results

Similar Description - P53DM16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com