Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P192 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P192
Description  POWER FACTOR CORRECTION INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P192 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P192 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P192 SERIES
• PCB mounted PFC inductor with Aux winding
• Ultra low audio noise design
• Ultra low heat dissipation design
• Switching Frequency: >45KHz
• Input: 85Vac - 265Vac, 43Hz - 63Hz
• Operating Temperature: -40°C to +100°C
• RoHS compliant product
ELECTRICAL PARAMETERS @ 25°C
Part Number
P192-
L
(3-4) (Pri)
(μH ±10%)
Idc
(A)
Rdc
(3-4)
(Ω MAX)
Rdc
(9-10) (Aux)
(Ω MAX)
Turns Ratio
Pri:Aux
(±2%)
Dimension
501-2
500
2.5
0.20
0.18
5 : 1
A
401-3
400
3.0
0.20
0.18
5 : 1
A
301-4
300
4.0
0.20
0.18
5 : 1
A
601-2
600
2.5
0.20
0.18
5 : 1
B
501-3
500
3.0
0.15
0.25
5 : 1
B
401-4
400
4.0
0.15
0.25
5 : 1
B
301-5
300
5.5
0.15
0.30
5 : 1
B
Note:
1.
Inductance test @ 100KHz, 0.1Vrms
2.
Idc: 10% roll off max from initial inductance value
3.
Hipot: 1500Vrms, 5S, 1 mA, Pri to Aux
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
POWER FACTOR
CORRECTIONINDUCTORS
DIMENSIONS (mm)
SCHEMATIC
DIMENSION A
DIMENSION B
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10


Similar Part No. - P192

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
P19223459 MURATA1-P19223459 Datasheet
446Kb / 23P
Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Mar. 2021
More results

Similar Description - P192

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
Power Factor Correction
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
Power Factor Correction
logo
EPCOS
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
Power Factor Correction
logo
MPS Industries, Inc.
P191 MPSIND-P191 Datasheet
687Kb / 2P
PASSIVE POWER FACTOR CORRECTION INDUCTORS
P1900 MPSIND-P1900 Datasheet
614Kb / 1P
PASSIVE POWER FACTOR CORRECTION INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com