Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P620F19 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P620F19
Description  FLYBACK TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P620F19 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P620F19 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL PARAMETERS @ 25°C
Part Number
Power
(W)
Pri OCL
(μH)
DCR
(mΩ MAX)
Pri L
L
(μH MAX)
Turns Ratio
±5%
Output
Sec
P620F-
±10%
Pri
Sec
Aux
Pri:Sec
Pri:Aux
V / A
33
30
42
0.070
0.0023
0.22
3.00
1 : 0.09
1 : 0.33
3.3 / 9
50
30
42
0.069
0.0050
0.225
1.60
1 : 0.14
1 : 0.33
5.0 / 6
12
30
42
0.061
0.0150
0.195
0.55
1 : 0.33
1 : 0.33
12 / 2.5
19
30
42
0.060
0.0370
0.195
0.43
1 : 0.56
1 : 0.33
19.5 / 1.5
24
30
42
0.060
0.0550
0.195
0.31
1 : 0.67
1 : 0.33
24 / 1.25
Note:
1.
Primary OCL measured @ 250KHz 0.7Vrms
2.
Primary Leakage L measured @ 250KHz 0.7Vrms with 7-8-9-10-11-12 shorted
3.
DCR measured with windings in parallel
4.
Hi-pot: 1500Vrms, 1mA, 60s (Pri, Aux to Sec); 1800Vrms, 1mA, 5s (Pri, Aux, and Core to Sec); 500Vrms, 1mA, 5s (between Pri, Aux, and Core)
5.
Polarity: 1, 2, 5, 10, 11, and 12 are in phase
6.
Ipk: 2.6Adc, ΔL < 10% from initial value
SCHEMATIC
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P620F SERIES
• Flyback transformers for 30 Watt PoE applications
• Operating Frequency 250KHz with input voltage 36 to 72 Volts
• Isolation 1500Vrms, 60 seconds (Pri, Aux to Sec)
• Operating Temperature -40ºC to +125ºC
• RoHS Compliant Product
• Custom Design Available
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
FLYBACK TRANSFORMERS
DIMENSIONS
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.010
.XXX : ±0.005
mm: X,X : ±0,254
X,XX : ±0,13


Similar Part No. - P620F19

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P620-00DC PLL-P620-00DC Datasheet
208Kb / 7P
Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
logo
List of Unclassifed Man...
P620-05OC ETC1-P620-05OC Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
PhaseLink Corporation
P620-05OC PLL-P620-05OC Datasheet
265Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
List of Unclassifed Man...
P620-05OCL ETC1-P620-05OCL Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
PhaseLink Corporation
P620-05OCL PLL-P620-05OCL Datasheet
265Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
More results

Similar Description - P620F19

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
GA3429-BL COILCRAFT-GA3429-BL Datasheet
177Kb / 1P
Flyback Transformers
A9619-CL COILCRAFT-A9619-CL Datasheet
133Kb / 1P
Flyback Transformers
POE300F-33LB COILCRAFT-POE300F-33LB Datasheet
115Kb / 2P
Flyback Transformers
FA2925-ALD COILCRAFT-FA2925-ALD Datasheet
128Kb / 1P
Flyback Transformers
logo
MPS Industries, Inc.
P613P MPSIND-P613P Datasheet
462Kb / 1P
FLYBACK TRANSFORMERS
logo
Coilcraft lnc.
GA3430 COILCRAFT-GA3430_10 Datasheet
75Kb / 1P
Flyback Transformers
HA3691 COILCRAFT-HA3691_13 Datasheet
128Kb / 1P
Flyback Transformers
HA3585 COILCRAFT-HA3585_13 Datasheet
101Kb / 1P
Flyback Transformers
POE30P-33L COILCRAFT-POE30P-33L_15 Datasheet
437Kb / 2P
Flyback Transformers
logo
Myrra
EE25 MYRRA-EE25 Datasheet
102Kb / 1P
FLYBACK TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com