Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI25 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PI25
Description  SMT HIGH CURRENT PLANAR INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PI25 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PI25 Datasheet HTML 1Page - MPS Industries, Inc. PI25 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PI25 SERIES
• HighThermalEfficiency&EnergyStorage
• HighCurrentRatingUpto73Amps
• LowerProfileof7.4mmMax.
• WiderFlexibilityofInductances
• Footprint19.50mmX19.50mm
• OperatingTemperature-40ºCto+130ºC
• CustomDesignAvailable
ELECTRICAL PARAMETERS @25°C
Part Number
PI25-
Inductance
@ 0 A
DC
(uH±10%)
Inductance
@ I
rated
(uH±15%)
I
rated
(A
DC)
DC Resistance
(mΩ MAX)
Turns
I
saturation
(A)
I
heating
Figure
@25ºC
@100ºC
D221
0.46
0.45
73.0
0.40
2T
95
80
73
A
D222
0.67
0.63
55.0
0.40
2T
63
53
73
A
D223
0.90
0.85
39.0
0.40
2T
46
37
73
A
D224
1.12
1.05
30.0
0.40
2T
35
30
73
A
D225
1.36
1.25
25.0
0.40
2T
29
26
73
A
D226
1.56
1.45
21.0
0.40
2T
24
22
73
A
S121
0.46
0.45
53.0
0.80
2T
95
80
52
A
S122
0.67
0.63
52.0
0.80
2T
63
53
52
A
S123
0.90
0.85
39.0
0.80
2T
46
37
52
A
S124
1.12
1.05
30.0
0.80
2T
35
30
52
A
S125
1.36
1.25
26.0
0.80
2T
29
26
52
A
S126
1.56
1.45
22.0
0.80
2T
24
22
52
A
S131
1.00
0.95
42.0
1.20
3T
68
54
42
B
S132
1.50
1.45
36.0
1.20
3T
43
35
42
B
S133
2.00
1.95
25.0
1.20
3T
29
25
42
B
S134
2.50
2.45
20.0
1.20
3T
23
21
42
B
S135
3.00
2.85
15.0
1.20
3T
18
16
42
B
S136
3.50
3.45
12.0
1.20
3T
15
13
42
B
S141
1.78
1.65
37.0
1.60
4T
55
43
37
C
S142
2.66
2.45
30.0
1.60
4T
35
27
37
C
S143
3.55
3.35
17.0
1.60
4T
20
18
37
C
S144
4.45
4.00
14.0
1.60
4T
16
15
37
C
S145
5.33
4.85
11.0
1.60
4T
13
12
37
C
S146
6.21
5.80
9.0
1.60
4T
11
10
37
C
NOTES:
1. The I
rated is either 85% of the Isaturation or the Iheating depending which is lower.
2. The I
saturation is the current which causes the inductance to drop by 15% of its nominal value.
3. The I
heating is the current which causes the temperature of the part to increase by approximately 45°C.
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
SMTHIGHCURRENT
PLANARINDUCTORS


Similar Part No. - PI25

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI250MC-A6 AMI-PI250MC-A6 Datasheet
592Kb / 7P
200DPI CIS Sensor
logo
HD MicroSystems, Ltd
PI2525 HDMS-PI2525 Datasheet
44Kb / 4P
Polyimide
Rev. November 2012
PI2555 HDMS-PI2555 Datasheet
44Kb / 4P
Polyimide
Rev. November 2012
PI2574 HDMS-PI2574 Datasheet
44Kb / 4P
Polyimide
Rev. November 2012
logo
MPS Industries, Inc.
PI25T MPSIND-PI25T Datasheet
520Kb / 1P
SMT HIGH CURRENT PLANAR TRANSFORMERS
More results

Similar Description - PI25

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP03 ICE-LP03 Datasheet
309Kb / 1P
SMT High Current Inductors
LP05 ICE-LP05 Datasheet
214Kb / 1P
SMT High Current Inductors
LP06 ICE-LP06 Datasheet
233Kb / 1P
SMT High Current Inductors
LP07 ICE-LP07 Datasheet
127Kb / 1P
SMT High Current Inductors
LP08 ICE-LP08 Datasheet
169Kb / 1P
SMT High Current Inductors
LP03 ICE-LP03_08 Datasheet
176Kb / 1P
SMT High Current Inductors
LP05 ICE-LP05_08 Datasheet
148Kb / 1P
SMT High Current Inductors
LP06 ICE-LP06_08 Datasheet
176Kb / 1P
SMT High Current Inductors
LP07 ICE-LP07_08 Datasheet
135Kb / 1P
SMT High Current Inductors
LP08 ICE-LP08_08 Datasheet
181Kb / 1P
SMT High Current Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com