Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PP25F Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PP25F
Description  PLANAR TRANSFORMERS HIGH FREQUENCY 140 WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PP25F Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PP25F Datasheet HTML 1Page - MPS Industries, Inc. PP25F Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PP25F SERIES
• Power Rating Up to 140 Watts
• HighEfficiency
• HighPowerDensityof600WattsPerCubicInch
• Footprint 23.5 mm X 20.10 mm
• LowerProfileof9.12mm
• HighIsolation(operational)1500Vdc
• HighFrequency200KHz–700kHz
• OperatingTemperature-40ºCto+125ºC
• CustomDesignAvailable
ELECTRICAL PARAMETERS @25°C
Part Number
PP25F-
Primary
Inductance
(μH MIN)
Leakage
Inductance
(μH MAX)
DC Resistance
(mΩ MAX)
Turns Ratio
Isolation
(V
DC)
Figure
Primary
Secondary
Primary
Secondary
A
Aux
0802
151.0
0.43
18.0
18.0
0.9&0.9
4T/4T
1T&1T
1500
A
0902
191.0
0.43
18.0
20.0
0.9&0.9
4T/5T
1T&1T
1500
A
1002
236.0
0.45
20.0
20.0
0.9&0.9
5T/5T
1T&1T
1500
A
1102
286.0
0.55
20.0
26.0
0.9&0.9
5T/6T
1T&1T
1500
A
1202
340.0
0.60
26.0
26.0
0.9&0.9
6T/6T
1T&1T
1500
A
0803
151.0
0.43
18.0
18.0
1.8&1.8
4T/4T
2T&1T
1500
B
0903
191.0
0.43
18.0
20.0
1.8&1.8
4T/5T
2T&1T
1500
B
1003
236.0
0.45
20.0
20.0
1.8&1.8
5T/5T
2T&1T
1500
B
1103
286.0
0.55
20.0
26.0
1.8&1.8
5T/6T
2T&1T
1500
B
1203
340.0
0.60
26.0
26.0
1.8&1.8
6T/6T
2T&1T
1500
B
0804
151.0
0.43
18.0
18.0
8.00
4T/4T
4T
1500
C
0904
191.0
0.43
18.0
20.0
8.00
4T/5T
4T
1500
C
1004
236.0
0.45
20.0
20.0
8.00
5T/5T
4T
1500
C
1104
286.0
0.55
20.0
26.0
8.00
5T/6T
4T
1500
C
1204
340.0
0.60
26.0
26.0
8.00
6T/6T
4T
1500
C
NOTES:
1. The I
rated is either 85% of the Isaturation or the Iheating depending which is lower.
2. The I
saturation is the current which causes the inductance to drop by 15% of its nominal value.
3. The I
heating is the current which causes the temperature of the part to increase by approximately 45°C.
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
PLANARTRANSFORMERS
HIGHFREQUENCY140WATT


Similar Part No. - PP25F

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PP25-12-12 LAMBDA-PP25-12-12 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PP25-12-15 LAMBDA-PP25-12-15 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PP25-12-5 LAMBDA-PP25-12-5 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PP25-24-12 LAMBDA-PP25-24-12 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PP25-24-15 LAMBDA-PP25-24-15 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
More results

Similar Description - PP25F

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PP14D MPSIND-PP14D Datasheet
557Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 15 WATT
PP18D MPSIND-PP18D Datasheet
600Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 30 WATT
PP20A MPSIND-PP20A Datasheet
622Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 100 WATT
PP20B MPSIND-PP20B Datasheet
753Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 75 WATT
logo
Pulse A Technitrol Comp...
PA0931NL PULSE-PA0931NL Datasheet
116Kb / 4P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801 PULSE-PA0801 Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801NLT PULSE-PA0801NLT Datasheet
261Kb / 3P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0491NLT PULSE-PA0491NLT Datasheet
125Kb / 2P
HIGH FREQUENCY PLANAR TRANSFORMERS
logo
MPS Industries, Inc.
PP25D MPSIND-PP25D Datasheet
720Kb / 2P
PLANAR TRANSFORMERS HIGH FREQUENCY 150 WATT
logo
Pulse A Technitrol Comp...
PA09XXNL PULSE-PA09XXNL Datasheet
631Kb / 4P
High Frequency Planar Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com