Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB01U Datasheet(PDF) 4 Page - C&D Technologies

Part # HB01U
Description  1 WATT UNREGULATED DC/DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HB01U Datasheet(HTML) 4 Page - C&D Technologies

  HB01U Datasheet HTML 1Page - C&D Technologies HB01U Datasheet HTML 2Page - C&D Technologies HB01U Datasheet HTML 3Page - C&D Technologies HB01U Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HB01U 11/98 REV B
Page 4
HB01U xxyzz Y/Z /H
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation...................................................0.5 Watt
Short Circuit Duration...............................................................5 Min
Lead Temperature (soldering, 10 seconds max)..................+300°C
*Note: Refer to Reflow Profile for SMD Models.
*
ORDERING INFORMATION
Device Family
HB Indicates DC/DC Converter
Model Number
Where:
xx = Input Voltage
y = Number or Outputs (Single "S", Dual "D")
zz = Output Voltage
Package Option
Screening Option
TYPICAL PERFORMANCE CURVES
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
VOUT VS LOAD
(5Vout Models)
VOUT VS LOAD
(±5Vout Models)
VOUT VS LOAD
(12Vout Models)
VOUT VS LOAD
(±12Vout Models)
VOUT VS LOAD
(15Vout Models)
VOUT VS LOAD
(±15Vout Models)
EFFICIENCY VS LOAD
120
80
150
200
5.3
5.5
5.7
5.9
4.9
5.1
110
30
50
70
12.2
12.3
12.4
12.5
12.6
12.7
120
40
80
100
5.0
5.2
5.4
5.6
5.8
6.0
110
20
30
40
12.0
12.1
12.2
12.3
12.4
12.5
14.9
15.0
15.1
15.2
15.3
15.4
110
20
60
67
1
10
20
30
34
14.9
15.0
15.1
15.2
15.3
15.4
20
60
80
100
30
40
50
60
70
80
Load (mA)
Load (mA)
Load (mA)
Load (mA)
Load (mA)
Load (mA)
Load (mA)
100
60
90
5
40
5
40
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any
of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES product for use in life support devices/systems
or in aircraft control applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com