Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR100 Datasheet(PDF) 2 Page - C&D Technologies

Part # HPR100
Description  SERIES DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR100 Datasheet(HTML) 2 Page - C&D Technologies

  HPR100 Datasheet HTML 1Page - C&D Technologies HPR100 Datasheet HTML 2Page - C&D Technologies HPR100 Datasheet HTML 3Page - C&D Technologies HPR100 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HPR1XX REV K 8/01
Page 2
NOMINAL
RATED
RATED
INPUT CURRENT
REFLECTED
INPUT
OUTPUT
OUTPUT
RIPPLE
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
RATED LOAD
CURRENT
EFFICIENCY
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)
(mAp-p)
(%)
HPR100
5
5
150
20
216
10
69
HPR101
5
12
62
20
212
5
70
HPR102
5
15
50
20
212
5
71
HPR103
5
±5
±75
20
218
5
68
HPR104
5
±12
±30
20
212
5
68
HPR105
5
±15
±25
20
200
5
75
HPR106
12
5
150
10
90
5
69
HPR107
12
12
62
10
81
5
77
HPR108
12
15
50
10
81
5
77
HPR109
12
±5
±75
10
88
5
71
HPR110
12
±12
±30
10
81
5
74
HPR111
12
±15
±25
10
81
5
77
HPR112
15
5
150
8
72
5
69
HPR113
15
12
62
872
5
69
HPR114
15
15
50
872
5
69
HPR115
15
±5
±75
872
5
69
HPR116
15
±12
±30
863
5
76
HPR117
15
±15
±25
863
5
79
HPR118
24
5
150
8
48
15
65
HPR119
24
12
62
8
48
15
65
HPR120
24
15
50
8
45
15
69
HPR121
24
±5
±75
8
45
15
69
HPR122
24
±12
±30
8
45
15
67
HPR123
24
±15
±25
8
45
15
69
Note: Other input to output voltages may be available. Please contact factory.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.4
VDC
Voltage Rise Time
See Typical Performance Curves & Application Notes: "Capacitive Loading Effects on Start-Up of DC/DC Converters"
ISOLATION
Rated Voltage
750
VDC
Test Voltage
60 Hz, 10 Seconds
750
Vrms (1060pk)
Resistance
10
G
Capacitance
25
100
pF
Leakage Current
V
ISO= 240VAC, 60Hz
2
8.5
µArms
OUTPUT
Rated Power
750
mW
Voltage Setpoint Accuracy
Rated Load, Nominal V
IN
±5
%
Ripple & Noise
BW = DC to 10MHz
45
mVp-p
BW =10Hz to 2MHz
30
mVrms
HPR103
BW = DC to 10MHz
90
mVp-p
Voltage (Over Input Voltage Range)
1mA Load, V
OUT = 5V
7
VDC
1mA Load, V
OUT = 12V
15
VDC
1mA Load, V
OUT = 15V
18
VDC
Temperature Coefficent
.01
%/°C
REGULATION
Line Regulation
High Line to Low Line
1
%/%Vin
GENERAL
Switching Frequency
170
kHz
Frequency Change
Over Line and Load
24
%
Package Weight
2
g
MTTF per MIL-HDBK-217, Rev. E*
Circuit Stress Method
Ground Benign
T
A = +25°C
7.9
MHr
Fixed Ground
T
A = +35°C
1.9
MHr
Naval Sheltered
T
A = +35°C
1.2
MHr
Airborne Uninhabited Fighter
T
A = +35°C
300
kHr
TEMPERATURE
Specification
-25
+25
+85
°C
Operation
-40
+100
°C
Storage
-40
+110
°C
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
COMMON SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
*For demonstrated MTTF results reference Power Convertibles Reliability Report HPR105



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com