Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPU30 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # SPU30
Description  SPU30 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SPU30 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  SPU30 Datasheet HTML 1Page - MPS Industries, Inc. SPU30 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SPU30-101
03 ~ 05
VDC
5.00 A max
7%
20W
SPU30-102
05 ~ 06
VDC
5.00 ~ 4.16 A
5%
25W
SPU30-103
06 ~ 08
VDC
4.16 ~ 3.12 A
5%
25W
SPU30-104
08 ~ 11
VDC
3.75 ~ 2.72 A
5%
30W
SPU30-105
11 ~ 13
VDC
2.72 ~ 2.30 A
5%
30W
SPU30-106
13 ~ 16
VDC
2.30 ~ 1.87 A
5%
30W
SPU30-107
16 ~ 21
VDC
1.87 ~ 1.42 A
5%
30W
SPU30-108
21 ~ 27
VDC
1.42 ~ 1.11 A
5%
30W
SPU30-109
27 ~ 33
VDC
1.11 ~ 0.90 A
5%
30W
SPU30-110
33 ~ 40
VDC
0.90 ~ 0.75 A
3%
30W
SPU30-111
40 ~ 50
VDC
0.75 ~ 0.60 A
3%
30W
SPU30 SERIES
30W Desk Top Switching Power Supplies For I.T.E.
Mechanical Specifications :
Note:
1. Dimensions are shown in mm.
2. Weight: 230gs approx.
3. Optional output connector:
See page Appendix.
Safety Specifications:
Output Voltage And Current Rating Chart ( Single Output ) :
Parameter
Te s t Conditions
Min. Typ . Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Primary to ground
2121
Test Voltage=500VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-22
Vin=110VAC
VDC
B
CLASS
Dielectric Withstanding Voltage
for Primary to Ground
EMI requirements for FCC PART-15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com