Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR203 Datasheet(PDF) 3 Page - C&D Technologies

Part # HPR203
Description  3.0 WATT MINIATURE SIP DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR203 Datasheet(HTML) 3 Page - C&D Technologies

  HPR203 Datasheet HTML 1Page - C&D Technologies HPR203 Datasheet HTML 2Page - C&D Technologies HPR203 Datasheet HTML 3Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
HPR2XX REV D 4/99
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any
of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES product for use in life support devices/systems
or in aircraft control applications.
400
375
350
325
300
420
390
360
330
300
31.0
30.5
30.0
29.5
29.0
6.6
6.2
5.8
5.4
5.0
14.0
13.4
12.8
12.2
11.6
16.00
15.75
15.50
15.25
15.00
50.0
37.5
25.0
12.5
0
90.0
67.5
45.0
22.5
0
12
6
0
-6
-12
-10
-5
0
5
10
0
.85
1.7
2.6
3.5
0
0.8
1.7
2.6
3.4
-0
6.25
12.50 18.75
25
0
8
16
24
32
0
20
40
60
80
0
6
12
18
26
0
.75
1.5
2.25
3.0
4.5
4.75
5.0
5.25 5.5
Vin (VDC)
Pout (Watts)
Input Channel 1 (mA)
Iout (mA sum of all Outputs)
Iout (mA sum of all Outputs)
Iout (mA sum of all Outputs)
Pout (Watts)
Pout (Watts)
Pout (Watts)
REFLECTED RIPPLE CURRENT vs. Pout
EFFICIENCY vs OUTPUT POWER
LINE REGULATION
LOAD REGULATION
(5 Vout Models)
LOAD REGULATION
(12 Vout Models)
LOAD REGULATION
(15 Vout Models)
FREQUENCY vx VIN
FREQUENCY vs Pout
CROSS REGULATION HPR205
Channels 2-4: +25mA Load
High
Line
Nominal
Line
Low
Line
Channel 2-4
Channel 1
+15Vout
+12Vout
+5Vout
TYPICAL PERFORMANCE CURVES
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com