Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPU65 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # SPU65
Description  SPU65 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SPU65 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  SPU65 Datasheet HTML 1Page - MPS Industries, Inc. SPU65 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPU65 SERIES
80W Desk Top Switching Power Supplies For I.T.E.
Output Voltage And Current Rating Chart (Single Output) :
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SPU65-101
03 ~ 05 VDC
16.6 ~ 10.0 A
7%
50W
SPU65-102
05 ~ 06 VDC
13.0 ~ 10.8 A
7%
65W
SPU65-103
06 ~ 08 VDC
11.6 ~ 8.70 A
5%
69.6W
SPU65-104
08 ~ 11 VDC
9.37 ~ 6.81 A
5%
75W
SPU65-105
11 ~ 13 VDC
7.27 ~ 6.15 A
5%
80W
SPU65-106
13 ~ 16 VDC
6.15 ~ 5.00 A
5%
80W
SPU65-107
16 ~ 21 VDC
5.00 ~ 3.80 A
5%
80W
SPU65-108
21 ~ 27 VDC
3.80 ~ 2.96 A
5%
80W
SPU65-109
27 ~ 33 VDC
2.96 ~ 2.42 A
5%
80W
SPU65-110
33 ~ 40 VDC
2.42 ~ 2.00 A
5%
80W
SPU65-111
40 ~ 48 VDC
2.00 ~ 1.66 A
5%
80W
Output Voltage And Current Rating Chart ( Multi Output ) :
Output #1
Output #2
Output #3
Output #4
Model
Number
Vonom
Iomin
Iomax Regmax
Vonom
Iomin
Iomax Regmax Vonom
Iomin
Iomax
Regmax Vonom
Iomin
Iomax Regmax
Maximum
Output
Powe
r
SPU65-200 +3.3V 0.7A
7A
7%
+12V
0.55A 2.75A
5%
56.1W
SPU65-201
+5V
0.7A
7A
5%
+12V
0.4A
3A
5%
65W
SPU65-202
+5V
1.4A
7A
5%
+15V
0.6A
3A
7%
65W
SPU65-203
+5V
1.4A
7A
5%
+24V
0.3A
2A
5%
65W
SPU65-204 +3.3V 1.4A
7A
7%
+5V
0.6A
3A
5%
38.1W
SPU65-215
+5V
1.4A
7A
5%
-24V
0.4A
2A
5%
65W
SPU65-300 +3.3V 1.4A
7A
7%
+12V
0.6A
3A
5%
-12V 0.1A
0.8A
5%
65W
SPU65-301
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
65W
SPU65-302
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
65W
SPU65-303
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
65W
SPU65-304
+5V
0.7A
7A
5%
+24V
0.2A
2A
5%
-24V
0A
0.8A
5%
65W
SPU65-305
+5V
0.6A
6A
5%
+24V
0.2A
2A
5%
-12V
0A
0.8A
5%
65W
SPU65-306 +3.3V 0.7A
7A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
63.1W
SPU65-403
+5V
0A
3.5A
5%
+24V
0.1A 1.5A
5%
+12V
0A
0.25A
5%
-12V
0A
0.15A
5%
65W
Note:
1. Dimensions are shown in mm.
2. Weight: 570-750gs approx.
3. Optional output connector:
See page Appendix.
Mechanical Specifications :
Mark "
" means " PSE approval "
Model -106 has PSE approval which is below 15V
ON/OFF SWITCH
(OPTIONAL)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com