Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR210 Datasheet(PDF) 1 Page - C&D Technologies

Part # HPR210
Description  3.0 WATT MINIATURE SIP DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR210 Datasheet(HTML) 1 Page - C&D Technologies

  HPR210 Datasheet HTML 1Page - C&D Technologies HPR210 Datasheet HTML 2Page - C&D Technologies HPR210 Datasheet HTML 3Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
HPR2XX REV D 4/99
MECHANICAL
RIGHT
SIDE
VIEW
FRONT
VIEW
BOTTOM
VIEW
TOP
VIEW
1 2
3
5
6 7
9 10
14 15 16
18 19 20
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
PIN PLACEMENT TOLERANCE: ± 0.015"
Marked with: specific model ordered, date code, and job code.
0.155+.015
(3.94)
0.030+.010
(0.76)
2.210+.010
(56.13)
0.340+.010
(8.64)
0.400+.010
(10.16)
0.010+.002
(0.25)
0.140+.020
(0.25)
FEATURES
!
!
!
!
!
Four Channels Of Isolated Power
!
!
!
!
!
High Output Power Density: > 9. 4 Watts/Inch3
!
!
!
!
!
Extended Temperature Range:
-25°C To +85°C
!
!
!
!
!
High Efficiency: To 84%
!
!
!
!
!
Low Cost
Product Data Sheet
!
!
!
!
!
High Isolation Voltage: 750V Continuous
Input-to-Output and Channel-to-Channel
!
!
!
!
!
Single In-line Package (SIP)
!
!
!
!
!
Internal Input and Output Filtering
!
!
!
!
!
Non-Conductive Case
The HPR2XX Series is designed for multiple channel applications
that require small size and could benefit from a complete one-
package solution. The HPR2XX Series offers four isolated
channels of output power in a footprint less than the size of many
singular devices. This unregulated series of DC/DC converters
provides three watts of total output power. Each isolated channel
can supply up to 750mW.
The HPR2XX Series uses advanced circuit design and packaging
technology to realize superior reliability and performance. With
only one switching converter on the board, the HPR2XX
eliminates the possibility of separate converters creating beat
frequencies, or "aliasing" in multiple channel applications.
The high efficiency of the HPR2XX Series means less internal
power dissipation than comparable solutions. With reduced heat
to dissipate, the HPR2XX Series can operate at higher
temperatures with no degradation in reliablility. In addition, the
high efficiency of the HPR2XX Series provides greater than 9
watts/inch3 output power density.
The HPR2XX Series offers the user low cost without sacrificing
reliability. The use of surface mounted devices and manufacturing
technologies make it possible to offer premium performance and
low cost.
3.0 WATT
MINIATURE SIP DC/DC CONVERTER
HPR2XX
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
0.020+.002
(0.51)
0.340+.010
(8.64)
PIN CONNECTIONS
1. -VOUT1 5.-VOUT2
9. +VIN
14. -VOUT3
18. -VOUT4
2. COM 1 6. COM2
10.-VIN 15. COM3
19.
COM 4
3 +VOUT1 7.+VOUT2
16. +VOUT3 20. +VOUT4
0.050+.015
(1.27)


Similar Part No. - HPR210

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HPR210 MURATA-PS-HPR210 Datasheet
97Kb / 3P
HPR203 MINIATURE SIP DC/DC CONVERTER
HPR210C MURATA-PS-HPR210C Datasheet
111Kb / 3P
3.0 WATT MINIATURE SIP DC/DC CONVERTER
More results

Similar Description - HPR210

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR10XX CANDD-HPR10XX Datasheet
46Kb / 4P
1.0 WATT UNREGULATED SIP DC/DC CONVERTER
HPR4XX CANDD-HPR4XX Datasheet
81Kb / 4P
0.75 Watt Miniature SIP DC/DC Converter
HPR7XX CANDD-HPR7XX Datasheet
34Kb / 4P
5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR203 MURATA-PS-HPR203 Datasheet
97Kb / 3P
HPR203 MINIATURE SIP DC/DC CONVERTER
HPR203C MURATA-PS-HPR203C Datasheet
111Kb / 3P
3.0 WATT MINIATURE SIP DC/DC CONVERTER
HPR400C MURATA-PS-HPR400C Datasheet
180Kb / 4P
0.75 Watt Miniature SIP DC/DC Converter
HPR700 MURATA-PS-HPR700 Datasheet
96Kb / 3P
5 WATT UNREGULATED SIP DC/DC CONVERTER
HPR700C MURATA-PS-HPR700C Datasheet
117Kb / 3P
5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
C&D Technologies
HPR1000 CANDD-HPR1000 Datasheet
134Kb / 4P
1.0 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR1000C MURATA-PS-HPR1000C Datasheet
179Kb / 4P
1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com