Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8900TLE-3333 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP8900TLE-3333
Description  LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900TLE-3333 Datasheet(HTML) 4 Page - Texas Instruments

  LP8900TLE-3333 Datasheet HTML 1Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 2Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 3Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 4Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 5Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 6Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 7Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 8Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LP8900
SNVS542C – MAY 2008 – REVISED JULY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VEN =1.2V, VIN = VOUT + 0.5V, or 1.8V, whichever is higher , where VOUT is the higher of VOUT1 and
VOUT2. CIN = COUT = 1µF, IOUT = 1.0mA .
Typical values and limits appearing in normal type apply for TA = 25°C. Limits appearing in boldface type apply over the full
junction temperature range for operation,
−40 to +125°C.
(1)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
VIN
Input Voltage
See (2)
1.8
5.5
V
ΔVOUT
Output Voltage Tolerance
VIN = VOUT(NOM) + 0.5V to 5.5V
-1.0
1.0
%
ILOAD = 1mA
VIN = 1.8V to 5.5V
-2.25
2.25
%
ILOAD = 1mA, VOUT = 1.2V
Line Regulation Error
VIN = VOUT(NOM) +0.5V to 5.5V,
0.05
%/V
IOUT = 1mA
Load Regulation Error
IOUT = 1mA to 200mA
4
9
mV
VDO
Dropout Voltage(3)
VOUT = 3.6V
55
82
mV
IOUT = 200mA
VOUT = 2.8V
110
164
VOUT = 1.8V
185
260
ILOAD
Load Current
See (4)
0
200
mA
IQ
Quiescent Current
VEN1 = 1.2V, VEN2 = 0V IOUT = 0mA
48
120
VEN1 = 1.2V, VEN2 = 1.2V IOUT = 0mA
85
200
µA
VEN1 = 1.2V, VEN2 = 1.2V IOUT = 200mA
210
VEN ≤ 0.4V
0.003
1.0
ISC
Short Circuit Current Limit
VIN = 3.6V
(5)
600
900
mA
PSRR
Power Supply Rejection Ratio (6)
f = 1kHz, IOUT = 200mA
75
f = 10kHz, IOUT = 200mA
65
dB
f = 100kHz, IOUT = 200mA
45
f = 1MHz, IOUT = 200mA
30
BW = 10Hz to
IOUT = 0mA
6
100kHz,
IOUT = 1mA
10
en
Output noise Voltage (6)
µVRMS
VIN = 4.2V, COUT =
IOUT = 200mA
6
1.0µF
TSHUTDOWN
Thermal Shutdown
Temperature
155
°C
Hysteresis
15
Enable Control Characteristics
IEN
Maximum Input Current at VEN
VEN = 0V, VIN = 5.5V
0.003
µA
Input(7)
VEN = VIN = 5.5V
4
VIL
Low Input Threshold
VIN = 1.8V to 5.5V
0.4
V
VIH
High Input Threshold
VIN = 1.8V to 5.5V
1.2
V
Timing\Transient Characteristics(6)
TON
Turn On Time
To 95% Level
80
200
µs
VOUT(nom)
TOFF
Turn Off Time
5% of VOUT(NOM),IOUT= 0mA
0.4
1
ms
Line Transient Response |
δVOUT|
Trise = Tfall = 30µs
mV
1
δVIN = 600mV
(pk - pk)
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production at TJ = 25°C or
correlated using Statistical Quality Control methods. Operation over the temperature specification is ensured by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
(2)
The minimum input voltage = VOUT(NOM) + 0.5V or 1.8V, whichever is greater.
(3)
Dropout voltage is voltage difference between input and output at which the output voltage drops to 100mV below its nominal value.
This parameter is only specified for output voltages above 1.8V.
(4)
The device maintains the regulated output voltage without a load.
(5)
Short circuit current is measured with VOUT pulled to 0V.
(6)
This electrical specification is ensured by design.
(7)
Enable Pin has an internal 3-M
Ω typical, resistor connected to GND.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com