Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR110 Datasheet(PDF) 1 Page - C&D Technologies

Part # HPR110
Description  SERIES DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR110 Datasheet(HTML) 1 Page - C&D Technologies

  HPR110 Datasheet HTML 1Page - C&D Technologies HPR110 Datasheet HTML 2Page - C&D Technologies HPR110 Datasheet HTML 3Page - C&D Technologies HPR110 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HPR1XX REV K 8/01
Page 1
FEATURES
G Low Cost
G Multiple Package Styles
G Internal Input and Output
G Filtering
G Non-Conductive Case
G High Output Power Density:
10 Watts/Inch3
G Extended Temperature Range:
-25°C to +85°C
G Efficiencies to 79%
The HPR1XX Series uses advanced circuit design and packag-
ing technology to deliver superior reliability and performance.
A 170kHz push-pull oscillator is used in the input stage. Beat-
frequency oscillation problems are reduced when using the
HPR1XX Series with high frequency isolation amplifiers.
Reduced parts count and high efficiency add to the reliability of
the HPR1XX Series. The high efficiency of the HPR1XX Series
means less internal power dissipation, as low as 190mW. With
reduced heat dissipation the HPR1XX Series can operate at
higher temperatures with no degradation. In addition, the high
efficiency of the HPR1XX Series means the series is able to offer
greater than 10 W/inch3 of output power density. Operation
down to no load will not impact the reliability of the series,
although a >1mA minimum load is needed to realize published
specifications.
The HPR1XX Series provides the user a low cost converter
without sacrificing reliability. The use of surface mounted
devices and advanced manufacturing technologies make it pos-
sible to offer premium performance and low cost.
Absolute Maximum Ratings
Internal Power Dissipation .......................................... 450mW
ShortCircuitDuration .................................................. Momentary
Lead Temperature (soldering, 10 seconds max ........... .+300°C *
* NOTE: Refer to Reflow Profile for SMD Models.
Ordering Information
HPR
1XX
V/W
Device Family
HPR Indicates DC/DC Converter
Model Number
Selected from Table of Electrical Characteristics
Package Option
There is "no" package designator for the SIP package
V = DIP Package
W = SMD Package
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to
be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from
any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose and
in user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace
applications.
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537 Fax: 520.770.9369
C&D Technologies (Power Electronics) Ltd.
Shannon, Co. Clare, Ireland
Tel: +353.61.474.133 Fax:+353.61.474.141
C&D Technologies, (NCL)
Milton Keynes
MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
POWER ELECTRONICS DIVISION
SERIES DC/DC CONVERTER
PRODUCT DATA SHEET
POWER: 0.75 Watt
OUTPUT: Single Output
SIZE: Multiple Package Styles
HPR1XX
HPR1XX
Product Site: www.cdpowerelectronics.com
Corporate Site: www.cdtechno.com


Similar Part No. - HPR110

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR110 CANDD-HPR110 Datasheet
89Kb / 4P
0.75 Watt Single Output DC/DC Converter
HPR110 CANDD-HPR110 Datasheet
352Kb / 4P
MINIATURE SIP, DIP AND SMD PACKAGES
logo
Murata Power Solutions ...
HPR110C MURATA-PS-HPR110C Datasheet
142Kb / 4P
0.75 Watt Single Output DC/DC Converters
More results

Similar Description - HPR110

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR40XX CANDD-PWR40XX Datasheet
98Kb / 4P
SERIES DC/DC CONVERTER
logo
List of Unclassifed Man...
VBD20 ETC1-VBD20 Datasheet
134Kb / 2P
VBD20 Series DC-DC Converter
ML65 ETC1-ML65 Datasheet
1Mb / 10P
ML65 Series DC-DC Converter
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
ISE Series DC-DC Converter
ITX0503SA XPPOWER-ITX0503SA Datasheet
297Kb / 3P
ITX Series DC-DC Converter
JHL0312S05 XPPOWER-JHL0312S05 Datasheet
425Kb / 3P
JHL03 Series DC-DC Converter
JHL0612S05 XPPOWER-JHL0612S05 Datasheet
435Kb / 3P
JHL06 Series DC-DC Converter
RCQ75 XPPOWER-RCQ75 Datasheet
503Kb / 5P
RCQ75 Series DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com