Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR405 Datasheet(PDF) 1 Page - C&D Technologies

Part # HPR405
Description  0.75 Watt Miniature SIP DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR405 Datasheet(HTML) 1 Page - C&D Technologies

  HPR405 Datasheet HTML 1Page - C&D Technologies HPR405 Datasheet HTML 2Page - C&D Technologies HPR405 Datasheet HTML 3Page - C&D Technologies HPR405 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HPR4XX REV G 1/03
1
Product: www.cdpoweronline.com
Corporate: www.cdtechno.com
Product: www.cdpoweronline.com
NOMINAL
RATED
RATED
INPUT CURRENT (mA)
REFLECTED
INPUT
OUTPUT
OUTPUT
RIPPLE
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
RATED LOAD
CURRENT
EFFICIENCY
MODEL
(VDC)
(VDC)
(mA)
(mA)
TYP
MAX
(mAp-p)
(%)
HPR400
5
5
150
20
216
235
10
69
HPR401
5
12
62
20
212
235
5
70
HPR402
5
15
50
20
212
235
5
71
HPR403
5
±5
±75
20
218
245
5
68
HPR404
5
±12
±30
20
212
235
5
68
HPR405
5
±15
±25
20
220
220
5
75
HPR406
12
5
150
10
90
100
5
69
HPR407
12
12
62
10
81
90
5
77
HPR408
12
15
50
10
81
90
5
77
HPR409
12
±5
±75
10
88
98
5
71
HPR410
12
±12
±30
10
81
90
5
74
HPR411
12
±15
±25
10
81
90
5
77
HPR412
15
5
150
8
72
80
5
69
HPR413
15
12
62
8
72
80
5
69
HPR414
15
15
50
8
72
80
5
69
HPR415
15
±5
±75
8
72
80
5
69
HPR416
15
±12
±30
8
63
70
5
76
HPR417
15
±15
±25
8
63
66
5
79
HPR418
24
5
150
8
48
53
15
65
HPR419
24
12
62
8
48
53
15
65
HPR420
24
15
50
8
45
50
15
69
HPR421
24
±5
±75
8
45
50
15
69
HPR422
24
±12
±30
8
45
50
15
67
HPR423
24
±15
±25
8
45
50
15
69
NOTE: Other input to output voltages may be available. Please consult factory.
PRODUCT SELECTION CHART
0.75 Watt Miniature SIP DC/DC Converter
HPR4XX
HPR4XX
HPR4XX
HPR4XX
HPR4XX
!
!
!
!
!
High Isolation Voltage: 3000
VPK Test
!
!
!
!
!
Single-In-Line Package (SIP)
!
!
!
!
!
Internal Input and Output
!
!
!
!
!
Low Cost
!
!
!
!
!
Non-Conductive Case
!
!
!
!
!
High Output Power Density:
10 Watts/Inch3
!
!
!
!
!
Extended Temperature Range:
-25°C to +85°C
!
!
!
!
!
High Efficiency to 79%
The HPR4XX Series uses advanced circuit
design and packaging technology to realize
superior reliability and performance. A
170kHz push-pull oscillator is used in the
input stage. The HPR4XX Series reduces
beat-frequency oscillation problems when
used with high frequency isolation amplifiers.
Reduced parts count and high efficiency add to
the reliability of the HPR4XX Series.
The high efficiency of the HPR4XX Series
means less internal power dissipation, as low
as 190mW. With less heat to dissipate the
HPR4XX Series can operate at higher
temperatures with no degradation of reliable
operation. In addition, the high efficiency of
the HPR4XX Series means the series is able
to offer greater than 10 W/inch3 of output
power density. Operation down to no load
will not impact the reliability of the series,
although this product has a >1mA minimum
load for specifications purposes.
The HPR4XX Series provides high
isolation in a very small package. The use of
surface mounted devices and manufacturing
technologies makes it possible to offer
premium performance and low cost.
SPECIFICATIONS All specifications are typical at T
A = +25°C nominal input voltage unless otherwise specified.


Similar Part No. - HPR405

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HPR405C MURATA-PS-HPR405C Datasheet
180Kb / 4P
0.75 Watt Miniature SIP DC/DC Converter
More results

Similar Description - HPR405

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR10XX CANDD-HPR10XX Datasheet
46Kb / 4P
1.0 WATT UNREGULATED SIP DC/DC CONVERTER
HPR1XX-1 CANDD-HPR1XX-1 Datasheet
89Kb / 4P
0.75 Watt Single Output DC/DC Converter
HPR2XX CANDD-HPR2XX Datasheet
56Kb / 3P
3.0 WATT MINIATURE SIP DC/DC CONVERTER
HPR7XX CANDD-HPR7XX Datasheet
34Kb / 4P
5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR100WC MURATA-PS-HPR100WC Datasheet
148Kb / 4P
0.75 Watt Single Output DC/DC Converter
HPR117VC MURATA-PS-HPR117VC Datasheet
165Kb / 4P
0.75 Watt Single Output DC/DC Converter
HPR203 MURATA-PS-HPR203 Datasheet
97Kb / 3P
HPR203 MINIATURE SIP DC/DC CONVERTER
HPR203C MURATA-PS-HPR203C Datasheet
111Kb / 3P
3.0 WATT MINIATURE SIP DC/DC CONVERTER
HPR400C MURATA-PS-HPR400C Datasheet
180Kb / 4P
0.75 Watt Miniature SIP DC/DC Converter
HPR700C MURATA-PS-HPR700C Datasheet
117Kb / 3P
5 WATT UNREGULATED SIP DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com