Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KX500 Datasheet(PDF) 4 Page - C&D Technologies

Part # KX500
Description  500 WATT AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

KX500 Datasheet(HTML) 4 Page - C&D Technologies

  KX500 Datasheet HTML 1Page - C&D Technologies KX500 Datasheet HTML 2Page - C&D Technologies KX500 Datasheet HTML 3Page - C&D Technologies KX500 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KX500 8/99 REV B
Page 4
Standard Options are shown, consult factory for other available options.
TOP VIEW
NOTES:
All measurements are in inches
FAN MOUNTED ON COVER ADDS 1.80”. A 1.3”FAN IS ALSO AVAILABLE.
COOLING: The KX500 is designed to operate with 30 CFM airflow.
SHOCK AND VIBRATION: The KX500 meets the requirements of MIL STD-810D. (Vibration-Method 514.3 Procedure I; Shock-Method 516.3 Procedure I).
WEIGHT: Approximately 5 lbs.
Terminal Block 1
Terminal Block 2
POS
FUNCTION
POS
FUNCTION
1
AC Line
1
+V4
2
AC Neutral
2
-V4
3
Ground
3
+V5
4-V5
5
+V3
6-V3
7
+V2
8
-V2 & -FAN
9
+ FAN OUTPUT
J3 Connector
J3 Connector
PIN
FUNCTION
Molex No.
1
+ Sense
Connector
22-05-3021
2
- Sense
1
AC Power Good
Molex No.
2
Signal Common
Connector
22-28-1050
3
DC Power Good
4
Remote Inhibit
5
Remote Inhibit Rtn.
Pin Specifications
Connector Specifications
J5 Connector
J5 Connector
Mechanical
Model Number Specification
KX500 -
*
B
*
L
H
H
N
Base Model
Output Voltage
Configuration (see
table on pg. 3 for options)
“B” denotes Class B EMI
compliance (standard feature)
Cover Options: C denotes plain cover;
F denotes cover w/integral fan
N denotes no cover
N denotes no
active current
sharing available
H denotes that a logic level “1”
indicates DC OK (transition
to “0” on loss of output regulation)
H denotes that a logic level “1”
indicates AC present.
(transition to “0” on loss of AC power)
L denotes that a logic level “1’ (or open) enables the
power supply (short to signal common - or -sense
inhibits the output)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com