Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1765 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1765 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 45Page - NXP Semiconductors LPC1765 Datasheet HTML 46Page - NXP Semiconductors LPC1765 Datasheet HTML 47Page - NXP Semiconductors LPC1765 Datasheet HTML 48Page - NXP Semiconductors LPC1765 Datasheet HTML 49Page - NXP Semiconductors LPC1765 Datasheet HTML 50Page - NXP Semiconductors LPC1765 Datasheet HTML 51Page - NXP Semiconductors LPC1765 Datasheet HTML 52Page - NXP Semiconductors LPC1765 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 9.3 — 8 January 2014
49 of 86
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
[5]
The RTC typically fails when Vi(VBAT) drops below 1.6 V.
[6]
VDD(REG)(3V3) = 3.3 V; Tamb =25 C for all power consumption measurements.
[7]
Applies to LPC1768/67/66/65/64/63.
[8]
Applies to LPC1769 only.
[9]
IRC running at 4 MHz; main oscillator and PLL disabled; PCLK = CCLK⁄8.
[10] BOD disabled.
[11] On pin VDD(REG)(3V3). IBAT = 530 nA. VDD(REG)(3V3) = 3.0 V; VBAT = 3.0 V; Tamb =25 C.
[12] On pin VBAT; IDD(REG)(3V3) = 630 nA; VDD(REG)(3V3) = 3.0 V; VBAT = 3.0 V; Tamb =25 C.
[13] On pin VBAT; VBAT = 3.0 V; Tamb =25 C.
[14] All internal pull-ups disabled. All pins configured as output and driven LOW. VDD(3V3) = 3.3 V; Tamb =25 C.
[15] TCK/SWDCLK pin needs to be externally pulled LOW.
[16] On pin VDDA; VDDA =3.3 V; Tamb =25 C. The ADC is powered if the PDN bit in the AD0CR register is set to 1 and in Power-down mode
of the PDN bit is set to 0.
[17] The ADC is powered if the PDN bit in the AD0CR register is set to 1. See LPC17xx user manual UM10360_1.
[18] The ADC is in Power-down mode if the PDN bit in the AD0CR register is set to 0. See LPC17xx user manual UM10360_1.
[19] Vi(VREFP) = 3.3 V; Tamb =25 C.
[20] Including voltage on outputs in 3-state mode.
[21] VDD(3V3) supply voltages must be present.
[22] 3-state outputs go into 3-state mode in Deep power-down mode.
[23] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[24] To VSS.
[25] Includes external resistors of 33
 1 % on D+ and D.
11.1 Power consumption
Conditions: BOD disabled.
Fig 7.
Deep-sleep mode: typical regulator supply current IDD(Reg)(3V3) versus
temperature
002aaf568
temperature (
°C)
−40
85
35
10
60
−15
250
350
300
400
IDD(Reg)(3V3)
(
μA)
200
3.6 V
3.3 V
2.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com