Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1763 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC1763
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1763 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC1763 Datasheet HTML 9Page - NXP Semiconductors LPC1763 Datasheet HTML 10Page - NXP Semiconductors LPC1763 Datasheet HTML 11Page - NXP Semiconductors LPC1763 Datasheet HTML 12Page - NXP Semiconductors LPC1763 Datasheet HTML 13Page - NXP Semiconductors LPC1763 Datasheet HTML 14Page - NXP Semiconductors LPC1763 Datasheet HTML 15Page - NXP Semiconductors LPC1763 Datasheet HTML 16Page - NXP Semiconductors LPC1763 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 9.3 — 8 January 2014
13 of 86
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
P1[0]/
ENET_TXD0
95
D5
[1]
I/O
P1[0] — General purpose digital input/output pin.
O
ENET_TXD0 — Ethernet transmit data 0. (LPC1769/68/67/66/64 only).
P1[1]/
ENET_TXD1
94
B4
[1]
I/O
P1[1] — General purpose digital input/output pin.
O
ENET_TXD1 — Ethernet transmit data 1. (LPC1769/68/67/66/64 only).
P1[4]/
ENET_TX_EN
93
A4
[1]
I/O
P1[4] — General purpose digital input/output pin.
O
ENET_TX_EN — Ethernet transmit data enable. (LPC1769/68/67/66/64
only).
P1[8]/
ENET_CRS
92
C5
[1]
I/O
P1[8] — General purpose digital input/output pin.
I
ENET_CRS — Ethernet carrier sense. (LPC1769/68/67/66/64 only).
P1[9]/
ENET_RXD0
91
B5
[1]
I/O
P1[9] — General purpose digital input/output pin.
I
ENET_RXD0 — Ethernet receive data. (LPC1769/68/67/66/64 only).
P1[10]/
ENET_RXD1
90
A5
[1]
I/O
P1[10] — General purpose digital input/output pin.
I
ENET_RXD1 — Ethernet receive data. (LPC1769/68/67/66/64 only).
P1[14]/
ENET_RX_ER
89
D6
[1]
I/O
P1[14] — General purpose digital input/output pin.
I
ENET_RX_ER — Ethernet receive error. (LPC1769/68/67/66/64 only).
P1[15]/
ENET_REF_CLK
88
C6
[1]
I/O
P1[15] — General purpose digital input/output pin.
I
ENET_REF_CLK — Ethernet reference clock. (LPC1769/68/67/66/64
only).
P1[16]/
ENET_MDC
87
A6
[1]
I/O
P1[16] — General purpose digital input/output pin.
O
ENET_MDC — Ethernet MIIM clock (LPC1769/68/67/66/64 only).
P1[17]/
ENET_MDIO
86
B6
[1]
I/O
P1[17] — General purpose digital input/output pin.
I/O
ENET_MDIO — Ethernet MIIM data input and output.
(LPC1769/68/67/66/64 only).
P1[18]/
USB_UP_LED/
PWM1[1]/
CAP1[0]
32
H4
[1]
I/O
P1[18] — General purpose digital input/output pin.
O
USB_UP_LED — USB GoodLink LED indicator. It is LOW when the device
is configured (non-control endpoints enabled), or when the host is enabled
and has detected a device on the bus. It is HIGH when the device is not
configured, or when host is enabled and has not detected a device on the
bus, or during global suspend. It transitions between LOW and HIGH
(flashes) when the host is enabled and detects activity on the bus.
(LPC1769/68/66/65/64 only).
O
PWM1[1] — Pulse Width Modulator 1, channel 1 output.
I
CAP1[0] — Capture input for Timer 1, channel 0.
P1[19]/MCOA0/
USB_PPWR/
CAP1[1]
33
J4
[1]
I/O
P1[19] — General purpose digital input/output pin.
O
MCOA0 — Motor control PWM channel 0, output A.
O
USB_PPWR — Port Power enable signal for USB port.
(LPC1769/68/66/65 only).
I
CAP1[1] — Capture input for Timer 1, channel 1.
Table 5.
Pin description …continued
Symbol
Pin/ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com