Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS027B4DH01 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LS027B4DH01
Description  Technical Literature For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B4DH01 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LS027B4DH01 Datasheet HTML 9Page - Sharp Corporation LS027B4DH01 Datasheet HTML 10Page - Sharp Corporation LS027B4DH01 Datasheet HTML 11Page - Sharp Corporation LS027B4DH01 Datasheet HTML 12Page - Sharp Corporation LS027B4DH01 Datasheet HTML 13Page - Sharp Corporation LS027B4DH01 Datasheet HTML 14Page - Sharp Corporation LS027B4DH01 Datasheet HTML 15Page - Sharp Corporation LS027B4DH01 Datasheet HTML 16Page - Sharp Corporation LS027B4DH01 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SPEC
No.
LCY-12T09602C
MODEL
No.
LS027B4DH01
PAGE
11
6-3) Input Signal Basic Characteristics
Table 6-3-1
VDDA=+5.0V、VDD=+5.0V、GND=0V、Ta=25℃
Item
Code
MIN
TYP
MAX
Unit
Remark
Frame Frequency
fSCS
1
-
20
Hz
Clock Frequency
fSCLK
1
2
MHz
Vertical rush duration
tV
49.993
-
1000
ms
COM Frequency
fCOM
0.5
-
10
Hz
Table 6-3-2
VDDA=+5.0V、VDD=+5.0V、GND=0V、Ta=25℃
Item
Code
MIN
TYP
MAX
Unit
Remark
SCS rising time
trSCS
50
ns
SCS falling time
tfSCS
50
ns
SCS High width
twSCSH
220
us
Data update mode
12
us
Display mode
SCS Low width
twSCSL
1
us
SCS setup time
tsSCS
3
us
SCS hodl time
thSCS
1
us
SI rising time
trSI
50
ns
SI falling time
tfSI
50
ns
SI set upt time
tsSI
120
ns
SI hold time
thSI
190
ns
SCLK rising time
trSCLK
50
ns
SCLK falling time
tfSCLK
50
ns
SCLK High width
twSCLKH
200
450
ns
SCLK Low width
twSCLKL
200
450
ns
EXTCOMIN signal frequency
fEXTCOMIN
1
20
Hz
【Remark 6-3】
EXTCOMIN signal rising time
trEXTCOMIN
50
ns
EXTCOMIN signal falling time
tfEXTCOMIN
50
ns
EXTCOMIN signal High width
twEXTCOMIN
1
us
DISPrising time
trDISP
50
ns
DISP falling time
tfDISP
50
ns
【Remark 6-3】 EXTCOMIN frequency should be made lower than frame frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com