Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3V3 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # P3V3
Description  FRDM-KL46Z Users Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P3V3 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  P3V3 Datasheet HTML 1Page - Freescale Semiconductor, Inc P3V3 Datasheet HTML 2Page - Freescale Semiconductor, Inc P3V3 Datasheet HTML 3Page - Freescale Semiconductor, Inc P3V3 Datasheet HTML 4Page - Freescale Semiconductor, Inc P3V3 Datasheet HTML 5Page - Freescale Semiconductor, Inc P3V3 Datasheet HTML 6Page - Freescale Semiconductor, Inc P3V3 Datasheet HTML 7Page - Freescale Semiconductor, Inc P3V3 Datasheet HTML 8Page - Freescale Semiconductor, Inc P3V3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Freescale Semiconductor, Inc
FRDM-KL46Z
Page 3 of 17
1 FRDM-KL46Z Overview
The Freescale Freedom development platform is a set of software and hardware tools for evaluation and
development. It is ideal for rapid prototyping of microcontroller-based applications. The Freescale Freedom
KL46Z hardware, FRDM-KL46Z, is a simple, yet sophisticated design featuring a Kinetis L series microcontroller,
built on the ARM® Cortex™-M0+ core.
FRDM-KL46Z can be used to evaluate the KL46, KL36, KL26 and KL16 Kinetis L series devices. It features a
MKL46Z256VLL4, this device boasting a max operating frequency of 48MHz, 256KB of flash, 32KB RAM, a full-
speed USB controller, segment LCD controller, and loads of analog and digital peripherals. The FRDM-KL46Z
hardware is form-factor compatible with the Arduino™ R3 pin layout, providing a broad range of expansion
board options. The on-board interfaces includes a 4 digit segment LCD, a 3-axis digital accelerometer,
magnetometer, capacitive touch slider, and ambient light sensor.
The FRDM-KL46Z features the Freescale open standard embedded serial and debug adapter known as OpenSDA.
This circuit offers several options for serial communications, flash programming and run-control debugging.
2 References documents
The table below provides a list of reference documents for the FRDM-KL46Z hardware. All of these documents
are available online at www.freescale.com/FRDM-KL46Z.
Table 1. FRDM-KL46Z Reference Documents
Filename
Description
FRDM-KL46Z Quick Start Package
Quick Start Guide and supporting files for getting started with
the FRDM-KL46Z.
FRDM-KL46Z User’s Manual
This document—overview and detailed information for the
FRDM-KL46Z hardware.
FRDM-KL46Z Pinouts
Spreadsheet of pin connections for all MCU pins. Includes
pinout for the I/O headers, Arduino R3 compatibility chart,
and OpenSDA MCU pinout.
FRDM-KL46Z Schematics
PDF schematics for the FRDM-KL46Z hardware
FRDM-KL46Z Design Package
Zip file containing all design source files for the FRDM-KL46Z
hardware
OpenSDA User’s Guide
Overview and instructions for use of the OpenSDA embedded
3
Getting started
Refer to the FRDM-KL46Z Quick Start Package for step-by-step instructions for getting started with the FRDM-
KL46Z. See the Jump Start Your Design section on http://www.freescale.com/FRDM-KL46Z for the Quick Start
Package and software lab guides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com