Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5V-USB Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # P5V-USB
Description  FRDM-KL46Z Users Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P5V-USB Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button P5V-USB Datasheet HTML 8Page - Freescale Semiconductor, Inc P5V-USB Datasheet HTML 9Page - Freescale Semiconductor, Inc P5V-USB Datasheet HTML 10Page - Freescale Semiconductor, Inc P5V-USB Datasheet HTML 11Page - Freescale Semiconductor, Inc P5V-USB Datasheet HTML 12Page - Freescale Semiconductor, Inc P5V-USB Datasheet HTML 13Page - Freescale Semiconductor, Inc P5V-USB Datasheet HTML 14Page - Freescale Semiconductor, Inc P5V-USB Datasheet HTML 15Page - Freescale Semiconductor, Inc P5V-USB Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Freescale Semiconductor, Inc
FRDM-KL46Z
Page 12 of 17
5.1.3 Clock source
The Kinetis KL46 microcontrollers feature an on-chip oscillator compatible with three ranges of input crystal or
resonator frequencies: 32-40 kHz (low freq. mode), 3-8 MHz (high freq. mode, low range) and 8-32 MHz (high
freq. mode, high range). The KL46Z256on the FRDM-KL46Z is clocked from an 8 MHz crystal..
5.1.4 USB Interface
The Kinetis KL46 microcontrollers feature a dual-role USB controller with on-chip full-speed and low-speed
transceivers. The USB interface on the FRDM-KL46Z is configured as a full-speed USB device.
VREGIN must be powered to enable the internal circuitry of USB (by jumper J7)
5.1.5 Serial Port
The primary serial port interface signals are PTA1 UART0 RX and PTA2 UART0_TX. These signals are connected
the OpenSDA
5.1.6 Reset
The RESET signal on the K20 is connected externally to a pushbutton, SW2, and also to the OpenSDA circuit. The
reset button can be used to force an external reset event in the target MCU. The reset button can also be used
to force the OpenSDA circuit into bootloader mode. Please refer to section 5.2, Serial and Debug Adapter
(OpenSDA), for more details.
5.1.7 Debug
The sole debug interface on all Kinetis L Series devices is a Serial Wire Debug (SWD) port. The primary controller
of this interface on the FRDM-KL46Z is the onboard OpenSDA circuit (see section 5.2). However, an unpopulated
10-pin (0.05”) Cortex Debug connector, J11, provides access to the SWD signals. The Samtec FTSH-105-02-F-D or
compatible connectors can be added to the J11 through-hole debug connector to allow for an external debug
cable to be connected.
5.1.8 Segment LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com